Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 131 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 131 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 127Page - STMicroelectronics LSM6DST Datasheet HTML 128Page - STMicroelectronics LSM6DST Datasheet HTML 129Page - STMicroelectronics LSM6DST Datasheet HTML 130Page - STMicroelectronics LSM6DST Datasheet HTML 131Page - STMicroelectronics LSM6DST Datasheet HTML 132Page - STMicroelectronics LSM6DST Datasheet HTML 133Page - STMicroelectronics LSM6DST Datasheet HTML 134Page - STMicroelectronics LSM6DST Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 180 page
background image
DocID033525 Rev 2
131/180
LSM6DST
Embedded functions register description
180
13.9
EMB_FUNC_INT2 (0Eh)
INT2 pin control register (r/w).
Each bit in this register enables a signal to be carried over INT2. The pin's output will supply
the OR combination of the selected signals.
Table 245. EMB_FUNC_INT2 register description
Table 244. EMB_FUNC_INT2 register
INT2_
FSM_LC
0(1)
1. This bit must be set to '0' for the correct operation of the device.
INT2_SIG
_MOT
INT2_TILT
INT2_
STEP_
DETECTOR
0(1)
0(1)
0(1)
INT2_FSM_LC(1)
1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1.
Routing of FSM long counter timeout interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_SIG_MOT(1)
Routing of significant motion event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_TILT(1)
Routing of tilt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_STEP_
DETECTOR(1)
Routing of pedometer step recognition event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com