Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 45 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 45 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 49Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 400 page
background image
Application core
4.7 EasyDMA
EasyDMA is a module implemented by some peripherals to gain direct access to Data RAM.
EasyDMA is an AHB bus master similar to CPU and is connected to the AHB multilayer interconnect for
direct access to Data RAM. EasyDMA is not able to access flash.
A peripheral can implement multiple EasyDMA instances to provide dedicated channels. For example,
for reading and writing of data between the peripheral and RAM. This concept is illustrated in EasyDMA
example on page 45.
Peripheral
READER
Peripheral
Core
AHB Multilayer
AHB
WRITER
AHB
RAM
RAM
RAM
EasyDMA
EasyDMA
Figure 5: EasyDMA example
An EasyDMA channel is implemented in the following way, but some variations may occur:
READERBUFFER_SIZE 5
WRITERBUFFER_SIZE 6
uint8_t readerBuffer[READERBUFFER_SIZE] __at__ 0x20000000;
uint8_t writerBuffer[WRITERBUFFER_SIZE] __at__ 0x20000005;
// Configuring the READER channel
MYPERIPHERAL->READER.MAXCNT = READERBUFFER_SIZE;
MYPERIPHERAL->READER.PTR = &readerBuffer;
// Configure the WRITER channel
MYPERIPHERAL->WRITER.MAXCNT = WRITEERBUFFER_SIZE;
MYPERIPHERAL->WRITER.PTR = &writerBuffer;
This example shows a peripheral called MYPERIPHERAL that implements two EasyDMA channels - one for
reading called READER, and one for writing called WRITER. When the peripheral is started, it is assumed
that the peripheral will perform the following tasks:
• Read 5 bytes from the readerBuffer located in RAM at address 0x20000000
• Process the data
• Write no more than 6 bytes back to the writerBuffer located in RAM at address 0x20000005
The memory layout of these buffers is illustrated in EasyDMA memory layout on page 46.
4418_1315 v2.0
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com