Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 55 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 55 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 59Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 400 page
background image
Power and clock management
As illustrated in Clock and oscillator setup on page 54, the system supports the following low
frequency clock sources:
• LFRC: 32.768 kHz RC oscillator
• LFXO: 32.768 kHz high accuracy oscillator
The LFCLK clock controller and all LFCLK clock sources are always switched off when in System OFF mode.
The LFCLK clock is started by first selecting the preferred clock source in the LFCLKSRC on page 77
register and then triggering the LFCLKSTART task. LFXO is highly recommended as the LFCLK clock source,
since the LFRC has a large frequency variation.
Note: The LTE modem requires using LFXO as the LFCLK source.
Switching between LFCLK clock sources can be done without stopping the LFCLK clock. A LFCLK clock
source which is running prior to triggering the LFCLKSTART task will continue to run until the selected clock
source has been available. After that the clock sources will be switched. Switching between clock sources
will never introduce a glitch but it will stretch a clock pulse by 0.5 to 1.0 clock cycle (i.e. will delay rising
edge by 0.5 to 1.0 clock cycle).
Note: If the watchdog timer (WDT) is running, the default LFCLK clock source (LFRC - see LFCLKSRC
on page 77) is started automatically (LFCLKSTART task doesn't have to be triggered).
A LFCLKSTARTED event will be generated when the selected LFCLK clock source has started.
Note: When selecting LFXO as clock source for the first time, LFRC quality is provided until LFXO is
stable.
A LFCLKSTOP task will stop global requesting of the LFCLK clock. However, if any system component
(e.g. WDT, modem) requires the LFCLK, the clock won't be stopped. The LFCLKSTOP task should only be
triggered after the STATE field in the LFCLKSTAT register indicates a LFCLK running-state.
5.1.4.2.1 32.768 kHz RC oscillator (LFRC)
The default source of the low frequency clock (LFCLK) is the 32.768 kHz RC oscillator (LFRC).
The LFRC frequency will be affected by variation in temperature.
5.1.4.3 Registers
5.1.4.4 Electrical specification
5.1.4.4.1 64 MHz internal oscillator (HFINT)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_HFINT
Nominal output frequency
64
MHz
fTOL_HFINT
Frequency tolerance
+-1
+-5
%
tSTART_HFINT
Startup time
3.2
µs
5.1.4.4.2 64 MHz high accuracy oscillator (HFXO)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_HFXO
Nominal output frequency
64
MHz
fTOL_HFXO
Frequency tolerance
+-1
ppm
tSTART_HFXO
Startup time
TBA
ms
4418_1315 v2.0
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com