Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 22 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 22 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 26Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 400 page
background image
Application core
AHB multilayer interconnect
CPU
ARM® Cortex®-M33
Peripheral
EasyDMA
Page 0
Page 1
Page 2
Page 3..254
Page 255
0x0000 0000
0x0000 1000
0x0000 2000
0x0000 3000
0x000F F000
Modem
AHB master
APB2APB
Section 0
Section 1
Section 2
Section 3
RAM2
AHB slave
0x2001 0000
0x2001 2000
0x2001 4000
0x2001 6000
Section 0
Section 1
Section 2
Section 3
RAM3
AHB slave
0x2001 8000
0x2001 A000
0x2001 C000
0x2001 E000
Section 0
Section 1
Section 2
Section 3
RAM4
AHB slave
0x2002 0000
0x2002 2000
0x2002 4000
0x2002 6000
Section 0
Section 1
Section 2
Section 3
RAM5
AHB slave
0x2002 8000
0x2002 A000
0x2002 C000
0x2002 E000
Section 0
Section 1
Section 2
Section 3
RAM6
AHB slave
0x2003 0000
0x2003 2000
0x2003 4000
0x2003 6000
Section 0
Section 1
Section 2
Section 3
RAM1
AHB slave
0x2000 8000
0x2000 A000
0x2000 C000
0x2000 E000
Section 0
Section 1
Section 2
Section 3
RAM0
AHB slave
0x2000 0000
0x2000 2000
0x2000 4000
0x2000 6000
Section 0
Section 1
Section 2
Section 3
RAM7
AHB slave
0x2003 A000
0x2003 C000
0x2003 E000
0x2003 8000
Figure 3: Memory layout
RAM - Random access memory
RAM can be read and written an unlimited number of times by the CPU and the EasyDMA.
Each RAM AHB slave is connected to one or more RAM sections. See Memory layout on page 22 for
more information.
4418_1315 v2.0
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com