Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 53 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 53 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 57Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 400 page
background image
Power and clock management
Symbol
Description
Min.
Typ.
Max.
Units
tLTEMODEM,STOP,WORSTCASE
LTE modem worst case shutdown time. Time from
application core calling bsd_shutdown command until
bsd_shutdown returns, with modem FW variable elements
included.
79
s
5.1.3.4.2 Power supply supervisor
Symbol
Description
Min.
Typ.
Max.
Units
VBOR
Brownout reset voltage threshold.
2.00
V
VPOR
Voltage threshold at which the device enters power-on
reset (POR) when VDD is ramping up.
2.15
V
5.1.4 Clock management
The clock control system can source the system clocks from a range of high and low frequency oscillators,
and distribute them to modules based upon a module's individual requirements. Clock generation and
distribution is handled automatically by PMU to optimize current consumption.
Listed here are the available clock signal sources:
• 64 MHz oscillator (HFINT)
• 64 MHz high accuracy oscillator (HFXO)
• 32.768 kHz RC oscillator (LFRC)
• 32.768 kHz high accuracy oscillator (LFXO)
The clock and oscillator resources are configured and controlled via the CLOCK peripheral as illustrated
below.
4418_1315 v2.0
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com