Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 79 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 79 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 83Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 400 page
background image
6 Peripherals
6.1 CRYPTOCELL — ARM TrustZone CryptoCell 310
ARM TrustZone CryptoCell 310 (CRYPTOCELL) is a security subsystem which provides root of trust (RoT)
and cryptographic services for a device.
ARM Cortex CPU
Flash
Data RAM
AHB multilayer
CRYPTOCELL
AHB-APB bridge
APB
SRAM
Always-on
domain
DMA
Public key
accelerator
engine
TRNG
AES
HASH
ChaCha
Data routing
Control
interface
SRAM
CRYPTOCELL library
CRYPTOCELL
workspace
Figure 13: Block diagram for CRYPTOCELL
The following cryptographic features are provided:
• True random number generator (TRNG) compliant with NIST 800-90B, AIS-31, and FIPS 140-2
• Pseudorandom number generator (PRNG) using underlying AES engine compliant with NIST 800-90A
• RSA public key cryptography
• Up to 2048-bit key size
• PKCS#1 v2.1/v1.5
• Optional CRT support
• Elliptic curve cryptography (ECC)
• NIST FIPS 186-4 recommended curves using pseudorandom parameters, up to 521 bits:
• Prime field: P-192, P-224, P-256, P-384, P-521
• SEC 2 recommended curves using pseudorandom parameters, up to 521 bits:
• Prime field: secp160r1, secp192r1, secp224r1, secp256r1, secp384r1, secp521r1
• Koblitz curves using fixed parameters, up to 256 bits:
4418_1315 v2.0
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com