Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 84 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 84 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 86Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 87Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 88Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
HOST_CRYPTOKEY_SEL
Select the source of the HW key that is used by the AES engine
K_DR
0
Use device root key K_DR from CRYPTOCELL AO power domain
K_PRTL
1
Use hard-coded RTL key K_PRTL
Session
2
Use provided session key
6.1.8.1.1.2 HOST_IOT_KPRTL_LOCK
Address offset: 0x1A4C
This write-once register is the K_PRTL lock register. When this register is set, K_PRTL cannot be used and a
zeroed key will be used instead. The value of this register is saved in the CRYPTOCELL AO power domain.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
HOST_IOT_KPRTL_LOCK
This register is the K_PRTL lock register. When this register is set,
K_PRTL cannot be used and a zeroed key will be used instead. The
value of this register is saved in the CRYPTOCELL AO power domain.
Disabled
0
K_PRTL can be selected for use from register HOST_CRYPTOKEY_SEL
Enabled
1
K_PRTL has been locked until next power-on reset (POR). If K_PRTL is
selected anyway, a zeroed key will be used instead.
6.1.8.1.1.3 HOST_IOT_KDR0
Address offset: 0x1A50
This register holds bits 31:0 of K_DR. The value of this register is saved in the CRYPTOCELL AO power
domain. Reading from this address returns the K_DR valid status indicating if K_DR is successfully retained.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
HOST_IOT_KDR0
Write: K_DR bits 31:0.
Read: 0x00000000 when 128-bit K_DR key value is not yet retained in
the CRYPTOCELL AO power domain.
Read: 0x00000001 when 128-bit K_DR key value is successfully
retained in the CRYPTOCELL AO power domain.
6.1.8.1.1.4 HOST_IOT_KDR1
Address offset: 0x1A54
This register holds bits 63:32 of K_DR. The value of this register is saved in the CRYPTOCELL AO power
domain.
4418_1315 v2.0
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com