Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 27 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 27 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 31Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 400 page
background image
Application core
ID
Base address
Peripheral
Instance
Secure mapping DMA security
Description
N/A 0xE0080000
TAD
TAD
S
NA
Trace and debug control
Table 4: Instantiation table
4.2.3 Peripheral access control capabilities
Information about the peripheral access control capabilities can be found in the instantiation table.
The instantiation table has two columns containing the information about access control capabilities for a
peripheral:
• Secure mapping: This column defines configuration capabilities for TrustZone-M secure attribute.
• DMA security: This column indicates if the peripheral has DMA capabilities, and if DMA transfer can be
assigned to a different security attribute than the peripheral itself.
For details on options in secure mapping column and DMA security column, see the following tables
respecitvely.
Abbreviation Description
NS
Non-secure: This peripheral is always accessible as a non-secure peripheral.
S
Secure: This peripheral is always accessible as a secure peripheral.
US
User-selectable: Non-secure or secure attribute for this peripheral is defined by the
PERIPHID[0].PERM register.
SPLIT
Both non-secure and secure: The same resource is shared by both secure and non-
secure code.
Table 5: Secure mapping column options
Abbreviation Description
NA
Not applicable: Peripheral has no DMA capability.
NSA
No separate attribute: Peripheral has DMA, and DMA transfers always have the same
security attribute as assigned to the peripheral.
SA
Separate attribute: Peripheral has DMA, and DMA transfers can have a different security
attribute than the one assigned to the peripheral.
Table 6: DMA security column options
4.3 VMC — Volatile memory controller
The volatile memory controller (VMC) provides power control of RAM blocks.
Each of the available RAM blocks, which can contain multiple RAM sections, can be turned on or off
independently in System ON mode, using the RAM[n]registers. These registers also control if a RAM block,
or some of its sections, is retained in System OFF mode. See Memory chapter for more information about
RAM blocks and sections.
Note: Powering up a RAM block takes typically 10 cycles. Thus, it is recommended reading the
POWER register before accessing a RAM block that has been recently powered on.
4418_1315 v2.0
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com