Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 28 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 28 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 32Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 400 page
background image
Application core
4.3.1 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x5003A000
0x4003A000
VMC
VMC : S
VMC : NS
US
NA
Volatile memory controller
Table 7: Instances
Register
Offset
Security Description
RAM[n].POWER
0x600
RAMn power control register
RAM[n].POWERSET
0x604
RAMn power control set register
RAM[n].POWERCLR
0x608
RAMn power control clear register
Table 8: Register overview
4.3.1.1 RAM[n].POWER (n=0..7)
Address offset: 0x600 + (n × 0x10)
RAMn power control register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E
D C B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A-D RW
S[i]POWER (i=0..3)
Keep RAM section Si of RAM n on or off in System ON mode
All RAM sections will be switched off in System OFF mode
Off
0
Off
On
1
On
E-H RW
S[i]RETENTION (i=0..3)
Keep retention on RAM section Si of RAM n when RAM section is
switched off
Off
0
Off
On
1
On
4.3.1.2 RAM[n].POWERSET (n=0..7)
Address offset: 0x604 + (n × 0x10)
RAMn power control set register
When read, this register will return the value of the POWER register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E
D C B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A-D W
S[i]POWER (i=0..3)
Keep RAM section Si of RAM n on or off in System ON mode
On
1
On
E-H W
S[i]RETENTION (i=0..3)
Keep retention on RAM section Si of RAM n when RAM section is
switched off
On
1
On
4418_1315 v2.0
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com