Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 33 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 33 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 37Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 400 page
background image
Application core
4.4.8.3 CONFIG
Address offset: 0x504
Configuration register
Note: This register is one hot
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
WEN
Program memory access mode. It is strongly recommended to only
activate erase and write modes when they are actively used.
Enabling write or erase will invalidate the cache and keep it
invalidated.
Ren
0
Read only access
Wen
1
Write enabled
Een
2
Erase enabled
PEen
4
Partial erase enabled
4.4.8.4 ERASEALL
Address offset: 0x50C
Register for erasing all non-volatile user memory
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
ERASEALL
Erase all non-volatile memory including UICR registers.
Note that erasing must be enabled by setting CONFIG.WEN = Een
before the non-volatile memory can be erased.
NoOperation
0
No operation
Erase
1
Start chip erase
4.4.8.5 ERASEPAGEPARTIALCFG
Address offset: 0x51C
Register for partial erase configuration
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A
Reset 0x0000000A
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0
ID
R/W
Field
Value ID
Value
Description
A
RW
DURATION
Duration of the partial erase in milliseconds
The user must ensure that the total erase time is long enough for a
complete erase of the flash page
4.4.8.6 ICACHECNF
Address offset: 0x540
4418_1315 v2.0
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com