Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 83 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 83 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 86Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 87Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 400 page
background image
Peripherals
Enable CRYPTOCELL subsystem
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
ENABLE
Enable or disable the CRYPTOCELL subsystem
Disabled
0
CRYPTOCELL subsystem disabled
Enabled
1
CRYPTOCELL subsystem enabled.
When enabled the CRYPTOCELL subsystem can be initialized and
controlled through the CryptoCell firmware API.
6.1.8 Host interface
This chapter describes host registers used to control the CRYPTOCELL subsystem behavior.
6.1.8.1 HOST_RGF block
The HOST_RGF block contains registers for configuring LCS and device root key KDR, in addition to selecting
which cryptographic key is connected to the AES engine.
6.1.8.1.1 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50840000
CC_HOST_RGF CC_HOST_RGF S
NSA
Host platform interface
Table 31: Instances
Register
Offset
Security Description
HOST_CRYPTOKEY_SEL
0x1A38
AES hardware key select
HOST_IOT_KPRTL_LOCK
0x1A4C
This write-once register is the K_PRTL lock register. When this register is set, K_PRTL cannot
be used and a zeroed key will be used instead. The value of this register is saved in the
CRYPTOCELL AO power domain.
HOST_IOT_KDR0
0x1A50
This register holds bits 31:0 of K_DR. The value of this register is saved in the CRYPTOCELL AO
power domain. Reading from this address returns the K_DR valid status indicating if K_DR is
successfully retained.
HOST_IOT_KDR1
0x1A54
This register holds bits 63:32 of K_DR. The value of this register is saved in the CRYPTOCELL
AO power domain.
HOST_IOT_KDR2
0x1A58
This register holds bits 95:64 of K_DR. The value of this register is saved in the CRYPTOCELL
AO power domain.
HOST_IOT_KDR3
0x1A5C
This register holds bits 127:96 of K_DR. The value of this register is saved in the CRYPTOCELL
AO power domain.
HOST_IOT_LCS
0x1A60
Controls lifecycle state (LCS) for CRYPTOCELL subsystem
Table 32: Register overview
6.1.8.1.1.1 HOST_CRYPTOKEY_SEL
Address offset: 0x1A38
AES hardware key select
Note: If the HOST_IOT_KPRTL_LOCK register is set, and the HOST_CRYPTOKEY_SEL register set to 1,
then the HW key that is connected to the AES engine is zero
4418_1315 v2.0
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com