Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 30 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 30 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 34Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 400 page
background image
Application core
4.4.2 Erasing a secure page in flash
When secure region erase is enabled (in CONFIG register), a flash page can be erased by writing
0xFFFFFFFF into the first 32-bit word in a flash page.
Page erase is only applicable to the code area in the flash and does not work with UICR.
After erasing a flash page, all bits in the page are set to '1'. The time it takes to erase a page is specified by
tERASEPAGE. The CPU is stalled if the CPU executes code from the flash while the NVMC performs the erase
operation.
See Partial erase of a page in flash for information on splitting the erase time in smaller chunks.
4.4.3 Erasing a non-secure page in flash
When non-secure region erase is enabled, a non-secure flash page can be erased by writing 0xFFFFFFFF
into the first 32-bit word of the flash page.
Page erase is only applicable to the code area in the flash and does not work with UICR.
After erasing a flash page, all bits in the page are set to '1'. The time it takes to erase a page is specified by
tERASEPAGE. The CPU is stalled if the CPU executes code from the flash while the NVMC performs the erase
operation.
4.4.4 Writing to user information configuration registers (UICR)
User information configuration registers (UICR) are written in the same way as flash. After UICR has been
written, the new UICR configuration will only take effect after a reset.
UICR is only accessible by secure code. Any write from non-secure code will be faulted.
In order to lock the chip after uploading non-secure code, a simple sequence must be followed:
1. Block access to secure code by setting UICR register SECUREAPPROTECT on page 42 to protected
2. Use the WRITEUICRNS on page 35 register, via non-secure debugger, in order to set APPROTECT
(APPROTECT is automatically written to 0x00000000 by the NVMC)
UICR can only be written nWRITE number of times before an erase must be performed using ERASEALL.
The time it takes to write a word to the UICR is specified by tWRITE. The CPU is stalled if the CPU executes
code from the flash while the NVMC is writing to the UICR.
4.4.5 Erase all
When erase is enabled, the whole flash and UICR can be erased in one operation by using the ERASEALL
register. ERASEALL will not erase the factory information configuration registers (FICR).
This functionality can be blocked by some configuration of the UICR protection bits, see the table NVMC
protection (1 - Enabled, 0 - Disabled, X - Don't care) on page 31.
The time it takes to perform an ERASEALL on page 33 command is specified by tERASEALL. The CPU is
stalled if the CPU executes code from the flash while the NVMC performs the erase operation.
4.4.6 NVMC protection mechanisms
This chapter describes the different protection mechanisms for the non-volatile memory.
4.4.6.1 NVMC blocking
UICR integrity is assured through use of multiple levels of protection. UICR protection bits can be
configured to allow or block certain operations.
The table below shows the different status of UICR protection bits, and which operations are allowed or
blocked.
4418_1315 v2.0
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com