Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 58 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 58 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 62Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 400 page
background image
Power and clock management
Reset target
Reset source
Regular peripheral
registers
GPIO, SPU
NVMC
WAITSTATENUM
NVMC
IFCREADDELAY
REGULATORS,
OSCILLATORS
POWER.GPREGRET
CPU lockup5
x
x
x
Soft reset
x
x
x
Wakeup from System OFF mode reset x
x
Watchdog reset7
x
x
x
x
Pin reset
x
x
x
x
Brownout reset
x
x
x
x
x
x
Power-on reset
x
x
x
x
x
x
Table 18: Reset behavior for the retained registers
5.1.5.9 Registers
5.1.5.10 Electrical specification
5.1.5.10.1 Pin reset
Symbol
Description
Min.
Typ.
Max.
Units
tHOLDRESET
Hold time for reset pin when doing a pin reset
5
µs
RPULL-UP
Value of the internal pull-up resistor
13
kΩ
5.2 Current consumption
As the system is being constantly tuned by the PMU described in Functional description on page 48,
estimating the current consumption of an application can be challenging if the designer is not able to
perform measurements directly on the hardware. To facilitate the estimation process, a set of current
consumption scenarios are provided to show the typical current drawn from the VDD supply.
Each scenario specifies a set of operations and conditions applying to the given scenario. Current
consumption scenarios, common conditions on page 59 shows a set of common conditions used in all
scenarios, unless otherwise is stated in the description of a given scenario. Similarly, Current consumption
scenarios, common conditions for LTE modem on page 59 describes the conditions used for the
modem current consumption specifications. All scenarios are listed in Electrical specification on page
59
Peripherals typically share one or more power sources. This results in a current consumption that does
not scale linearly with the number of peripherals enabled. For example, the current consumption for
an application with two peripherals enabled, is not the sum of the currents reported by their individual
peripherals.
4418_1315 v2.0
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com