Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 108 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 108 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 105Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 106Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 107Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 108Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 109Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 110Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 111Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 112Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 400 page
background image
Peripherals
This feature can be used to wake up the CPU from a WFI or WFE type sleep in System ON when all
peripherals and the CPU are idle, meaning the lowest power consumption in System ON mode.
To prevent spurious interrupts from the PORT event while configuring the sources, the following steps
must be performed:
1. Disable interrupts on the PORT event (through INTENCLR.PORT).
2. Configure the sources (PIN_CNF[n].SENSE).
3. Clear any potential event that could have occurred during configuration (write
0 to EVENTS_PORT).
4. Enable interrupts (through INTENSET.PORT).
6.5.3 Tasks and events pin configuration
Each GPIOTE channel is associated with one physical GPIO pin through the CONFIG.PSEL field.
When Event mode is selected in CONFIG.MODE, the pin specified by CONFIG.PSEL will be configured
as an input, overriding the DIR setting in GPIO. Similarly, when Task mode is selected in CONFIG.MODE,
the pin specified by CONFIG.PSEL will be configured as an output overriding the DIR setting and OUT
value in GPIO. When Disabled is selected in CONFIG.MODE, the pin specified by CONFIG.PSEL will use its
configuration from the PIN[n].CNF registers in GPIO. CONFIG.MODE must be disabled in order to be able
to change the value of the PSEL field.
Note: A pin can only be assigned to one GPIOTE channel at a time. Failing to do so may result in
unpredictable behavior.
6.5.4 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x5000D000 GPIOTE
GPIOTE0
S
NA
Secure GPIO tasks and events
0x40031000
GPIOTE
GPIOTE1
NS
NA
Non Secure GPIO tasks and
events
Table 41: Instances
Register
Offset
Security Description
TASKS_OUT[n]
0x000
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is configured in
CONFIG[n].POLARITY.
TASKS_SET[n]
0x030
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is to set it high.
TASKS_CLR[n]
0x060
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is to set it low.
SUBSCRIBE_OUT[n]
0x080
Subscribe configuration for task OUT[n]
SUBSCRIBE_SET[n]
0x0B0
Subscribe configuration for task SET[n]
SUBSCRIBE_CLR[n]
0x0E0
Subscribe configuration for task CLR[n]
EVENTS_IN[n]
0x100
Event generated from pin specified in CONFIG[n].PSEL
EVENTS_PORT
0x17C
Event generated from multiple input GPIO pins with SENSE mechanism enabled
PUBLISH_IN[n]
0x180
Publish configuration for event IN[n]
PUBLISH_PORT
0x1FC
Publish configuration for event PORT
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
CONFIG[n]
0x510
Configuration for OUT[n], SET[n], and CLR[n] tasks and IN[n] event
Table 42: Register overview
6.5.4.1 TASKS_OUT[n] (n=0..7)
Address offset: 0x000 + (n × 0x4)
4418_1315 v2.0
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com