Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 115 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 115 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 111Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 112Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 113Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 114Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 115Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 116Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 117Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 118Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 119Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 400 page
background image
Peripherals
eventOut0
eventIn1
eventOut N
eventIn N
TASK_SEND[0]
TASK_SEND[N]
EVENTS_RECEIVE[0]
EVENTS_RECEIVE[N]
Figure 21: IPC registers SEND_CNF and RECEIVE_CNF
A SEND task can be viewed as broadcasting events onto one or more IPC channels, and a RECEIVE event
can be seen as subscribing to a subset of IPC channels. It is possible for multiple IPCs to trigger events onto
the same channel at the same time. When two or more events on the same channel occur within tIPC, the
events may be merged into a single event seen from the IPC receiver. One of the events can therefore be
lost. To prevent this, the user must ensure that events on the same IPC channel do not occur within tIPC of
each other. When implementing firmware data structures, such as queues or mailboxes, this can be done
by using one channel for acknowledgements.
An IPC event often does not contain any data itself, it is used to signal other MCUs that something has
occurred. Data can be shared through shared memory, for example in the form of a software implemented
mailbox, or command/event queues. It is up to software to assign a logical functionality to an IPC channel.
For instance, one IPC channel can be used to signal that a command is ready to be executed, and any
processor in the system can subscribe to that particular channel and decode/execute the command.
General purpose memory
The GPMEM registers can be used freely to store information. These registers are accessed like any other
of the IPC peripheral's registers.
6.6.1 IPC and PPI connections
The IPC SEND tasks and RECEIVE events can be connected through PPI channels. This makes it possible to
relay events from peripherals in one MCU to another, without CPU involvement.
Figure below illustrates a timer COMPARE event that is relayed from one MCU to IPC using PPI, then back
into a timer CAPTURE event in another MCU.
4418_1315 v2.0
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com