Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 153 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 153 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 149Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 150Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 151Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 152Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 153Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 154Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 155Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 156Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 157Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 400 page
background image
Peripherals
Register
Offset
Security Description
SUBSCRIBE_STOP
0x084
Subscribe configuration for task STOP
EVENTS_STARTED
0x100
PDM transfer has started
EVENTS_STOPPED
0x104
PDM transfer has finished
EVENTS_END
0x108
The PDM has written the last sample specified by SAMPLE.MAXCNT (or the last sample after
a STOP task has been received) to Data RAM
PUBLISH_STARTED
0x180
Publish configuration for event STARTED
PUBLISH_STOPPED
0x184
Publish configuration for event STOPPED
PUBLISH_END
0x188
Publish configuration for event END
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
PDM module enable register
PDMCLKCTRL
0x504
PDM clock generator control
MODE
0x508
Defines the routing of the connected PDM microphones' signals
GAINL
0x518
Left output gain adjustment
GAINR
0x51C
Right output gain adjustment
RATIO
0x520
Selects the ratio between PDM_CLK and output sample rate. Change PDMCLKCTRL
accordingly.
PSEL.CLK
0x540
Pin number configuration for PDM CLK signal
PSEL.DIN
0x544
Pin number configuration for PDM DIN signal
SAMPLE.PTR
0x560
RAM address pointer to write samples to with EasyDMA
SAMPLE.MAXCNT
0x564
Number of samples to allocate memory for in EasyDMA mode
Table 57: Register overview
6.9.7.1 TASKS_START
Address offset: 0x000
Starts continuous PDM transfer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_START
Starts continuous PDM transfer
Trigger
1
Trigger task
6.9.7.2 TASKS_STOP
Address offset: 0x004
Stops PDM transfer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_STOP
Stops PDM transfer
Trigger
1
Trigger task
6.9.7.3 SUBSCRIBE_START
Address offset: 0x080
4418_1315 v2.0
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com