Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 160 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 160 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 156Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 157Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 158Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 159Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 160Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 161Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 162Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 163Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 164Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 400 page
background image
Peripherals
6.9.7.22 SAMPLE.PTR
Address offset: 0x560
RAM address pointer to write samples to with EasyDMA
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
SAMPLEPTR
Address to write PDM samples to over DMA
Note: See the memory chapter for details about which
memories are available for EasyDMA.
6.9.7.23 SAMPLE.MAXCNT
Address offset: 0x564
Number of samples to allocate memory for in EasyDMA mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
BUFFSIZE
[0..32767]
Length of DMA RAM allocation in number of samples
6.9.8 Electrical specification
6.9.8.1 PDM Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
fPDM,CLK,64
PDM clock speed. PDMCLKCTRL = Default (Setting needed
for 16 MHz sample frequency @ RATIO = Ratio64)
1.032
MHz
fPDM,CLK,80
PDM clock speed. PDMCLKCTRL = 1280K (Setting needed
for 16 MHz sample frequency @ RATIO = Ratio80)
1.28
MHz
tPDM,JITTER
Jitter in PDM clock output
20
ns
TdPDM,CLK
PDM clock duty cycle
40
50
60
%
tPDM,DATA
Decimation filter delay
5
ms
tPDM,cv
Allowed clock edge to data valid
125
ns
tPDM,ci
Allowed (other) clock edge to data invalid
0
ns
tPDM,s
Data setup time at fPDM,CLK=1.024 MHz or 1.280 MHz
65
ns
tPDM,h
Data hold time at fPDM,CLK=1.024 MHz or 1.280 MHz
0
ns
GPDM,default
Default (reset) absolute gain of the PDM module
3.2
dB
4418_1315 v2.0
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com