Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 191 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 191 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 187Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 188Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 189Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 190Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 191Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 192Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 193Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 194Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 195Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 400 page
background image
Peripherals
Register
Offset
Security Description
TASKS_START
0x000
Start RTC counter
TASKS_STOP
0x004
Stop RTC counter
TASKS_CLEAR
0x008
Clear RTC counter
TASKS_TRIGOVRFLW
0x00C
Set counter to 0xFFFFF0
SUBSCRIBE_START
0x080
Subscribe configuration for task START
SUBSCRIBE_STOP
0x084
Subscribe configuration for task STOP
SUBSCRIBE_CLEAR
0x088
Subscribe configuration for task CLEAR
SUBSCRIBE_TRIGOVRFLW
0x08C
Subscribe configuration for task TRIGOVRFLW
EVENTS_TICK
0x100
Event on counter increment
EVENTS_OVRFLW
0x104
Event on counter overflow
EVENTS_COMPARE[n]
0x140
Compare event on CC[n] match
PUBLISH_TICK
0x180
Publish configuration for event TICK
PUBLISH_OVRFLW
0x184
Publish configuration for event OVRFLW
PUBLISH_COMPARE[n]
0x1C0
Publish configuration for event COMPARE[n]
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
EVTEN
0x340
Enable or disable event routing
EVTENSET
0x344
Enable event routing
EVTENCLR
0x348
Disable event routing
COUNTER
0x504
Current counter value
PRESCALER
0x508
12-bit prescaler for counter frequency (32768/(PRESCALER+1)). Must be written when RTC is
stopped.
CC[n]
0x540
Compare register n
Table 66: Register overview
6.11.9.1 TASKS_START
Address offset: 0x000
Start RTC counter
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_START
Start RTC counter
Trigger
1
Trigger task
6.11.9.2 TASKS_STOP
Address offset: 0x004
Stop RTC counter
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_STOP
Stop RTC counter
Trigger
1
Trigger task
4418_1315 v2.0
191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com