Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 206 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 206 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 202Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 203Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 204Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 205Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 206Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 207Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 208Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 209Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 210Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 400 page
background image
Peripherals
Note that when setting the limits, CH[n].LIMIT.HIGH shall always be higher than or equal to
CH[n].LIMIT.LOW . In other words, an event can be fired only when the input signal has been sampled
outside of the defined limits. It is not possible to fire an event when the input signal is inside a defined
range by swapping high and low limits.
The comparison to limits always takes place, there is no need to enable it. If comparison is not required
on a channel, the software shall simply ignore the related events. In that situation, the value of the limits
registers is irrelevant, so it does not matter if CH[n].LIMIT.LOW is lower than CH[n].LIMIT.HIGH or not.
6.12.10 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x5000E000
0x4000E000
SAADC
SAADC : S
SAADC : NS
US
SA
Analog to digital converter
Table 68: Instances
Register
Offset
Security Description
TASKS_START
0x000
Start the ADC and prepare the result buffer in RAM
TASKS_SAMPLE
0x004
Take one ADC sample, if scan is enabled all channels are sampled
TASKS_STOP
0x008
Stop the ADC and terminate any on-going conversion
TASKS_CALIBRATEOFFSET
0x00C
Starts offset auto-calibration
SUBSCRIBE_START
0x080
Subscribe configuration for task START
SUBSCRIBE_SAMPLE
0x084
Subscribe configuration for task SAMPLE
SUBSCRIBE_STOP
0x088
Subscribe configuration for task STOP
SUBSCRIBE_CALIBRATEOFFSET
0x08C
Subscribe configuration for task CALIBRATEOFFSET
EVENTS_STARTED
0x100
The ADC has started
EVENTS_END
0x104
The ADC has filled up the Result buffer
EVENTS_DONE
0x108
A conversion task has been completed. Depending on the mode, multiple conversions might
be needed for a result to be transferred to RAM.
EVENTS_RESULTDONE
0x10C
A result is ready to get transferred to RAM.
EVENTS_CALIBRATEDONE
0x110
Calibration is complete
EVENTS_STOPPED
0x114
The ADC has stopped
EVENTS_CH[n].LIMITH
0x118
Last results is equal or above CH[n].LIMIT.HIGH
EVENTS_CH[n].LIMITL
0x11C
Last results is equal or below CH[n].LIMIT.LOW
PUBLISH_STARTED
0x180
Publish configuration for event STARTED
PUBLISH_END
0x184
Publish configuration for event END
PUBLISH_DONE
0x188
Publish configuration for event DONE
PUBLISH_RESULTDONE
0x18C
Publish configuration for event RESULTDONE
PUBLISH_CALIBRATEDONE
0x190
Publish configuration for event CALIBRATEDONE
PUBLISH_STOPPED
0x194
Publish configuration for event STOPPED
PUBLISH_CH[n].LIMITH
0x198
Publish configuration for event CH[n].LIMITH
PUBLISH_CH[n].LIMITL
0x19C
Publish configuration for event CH[n].LIMITL
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
STATUS
0x400
Status
ENABLE
0x500
Enable or disable ADC
CH[n].PSELP
0x510
Input positive pin selection for CH[n]
CH[n].PSELN
0x514
Input negative pin selection for CH[n]
CH[n].CONFIG
0x518
Input configuration for CH[n]
CH[n].LIMIT
0x51C
High/low limits for event monitoring a channel
RESOLUTION
0x5F0
Resolution configuration
4418_1315 v2.0
206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com