Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 244 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 244 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 240Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 241Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 242Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 243Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 244Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 245Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 246Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 247Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 248Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 400 page
background image
Peripherals
6.14.5 Pin configuration
The CSN, SCK, MOSI, and MISO signals associated with the SPI slave are mapped to physical pins according
to the configuration specified in the PSEL.CSN, PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers respectively.
If the CONNECT field of any of these registers is set to Disconnected, the associated SPI slave signal will not
be connected to any physical pins.
The PSEL.CSN, PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers and their configurations are only used as
long as the SPI slave is enabled, and retained only as long as the device is in System ON mode, see POWER
— Power control on page 64 chapter for more information about power modes. When the peripheral is
disabled, the pins will behave as regular GPIOs, and use the configuration in their respective OUT bit field
and PIN_CNF[n] register. PSEL.CSN, PSEL.SCK, PSEL.MOSI, and PSEL.MISO must only be configured when
the SPI slave is disabled.
To secure correct behavior in the SPI slave, the pins used by the SPI slave must be configured in the GPIO
peripheral as described in GPIO configuration before enabling peripheral on page 244 before enabling
the SPI slave. This is to secure that the pins used by the SPI slave are driven correctly if the SPI slave itself
is temporarily disabled, or if the device temporarily enters System OFF. This configuration must be retained
in the GPIO for the selected I/Os as long as the SPI slave is to be recognized by an external SPI master.
The MISO line is set in high impedance as long as the SPI slave is not selected with CSN.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
SPI signal
SPI pin
Direction
Output value Comment
CSN
As specified in PSEL.CSN
Input
Not applicable
SCK
As specified in PSEL.SCK
Input
Not applicable
MOSI
As specified in PSEL.MOSI
Input
Not applicable
MISO
As specified in PSEL.MISO
Input
Not applicable Emulates that the SPI slave is not selected.
Table 77: GPIO configuration before enabling peripheral
6.14.6 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50008000
0x40008000
SPIS
SPIS0 : S
SPIS0 : NS
US
SA
SPI slave 0
0x50009000
0x40009000
SPIS
SPIS1 : S
SPIS1 : NS
US
SA
SPI slave 1
0x5000A000
0x4000A000
SPIS
SPIS2 : S
SPIS2 : NS
US
SA
SPI slave 2
0x5000B000
0x4000B000
SPIS
SPIS3 : S
SPIS3 : NS
US
SA
SPI slave 3
Table 78: Instances
Register
Offset
Security Description
TASKS_ACQUIRE
0x024
Acquire SPI semaphore
TASKS_RELEASE
0x028
Release SPI semaphore, enabling the SPI slave to acquire it
SUBSCRIBE_ACQUIRE
0x0A4
Subscribe configuration for task ACQUIRE
SUBSCRIBE_RELEASE
0x0A8
Subscribe configuration for task RELEASE
EVENTS_END
0x104
Granted transaction completed
EVENTS_ENDRX
0x110
End of RXD buffer reached
EVENTS_ACQUIRED
0x128
Semaphore acquired
4418_1315 v2.0
244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com