Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 313 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 313 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 309Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 310Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 311Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 312Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 313Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 314Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 315Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 316Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 317Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 400 page
background image
Peripherals
Symbol
Type
Description
ENABLE
Register
The TWI slave has been enabled via the ENABLE register.
PREPARETX
Task
The TASKS_PREPARETX task has been triggered.
STOP
Task
The TASKS_STOP task has been triggered.
PREPARERX
Task
The TASKS_PREPARERX task has been triggered.
STOPPED
Event
The EVENTS_STOPPED event was generated.
RXSTARTED
Event
The EVENTS_RXSTARTED event was generated.
TXSTARTED
Event
The EVENTS_TXSTARTED event was generated.
TX prepared
Internal
Internal flag indicating that a TASKS_PREPARETX task has been triggered. This flag is not visible to the
user.
RX prepared
Internal
Internal flag indicating that a TASKS_PREPARERX task has been triggered. This flag is not visible to the
user.
Unprepare TX
Internal
Clears the internal 'TX prepared' flag until next TASKS_PREPARETX task.
Unprepare RX
Internal
Clears the internal 'RX prepared' flag until next TASKS_PREPARERX task.
Stop condition
TWI protocol
A TWI stop condition was detected.
Restart condition
TWI protocol
A TWI restart condition was detected.
Table 93: TWI slave state machine symbols
The TWI slave can perform clock stretching, with the premise that the master is able to support it.
The TWI slave operates in a low power mode while waiting for a TWI master to initiate a transfer. As long
as the TWI slave is not addressed, it will remain in this low power mode.
To secure correct behavior of the TWI slave, PSEL.SCL, PSEL.SDA, CONFIG, and the ADDRESS[n] registers
must be configured prior to enabling the TWI slave through the ENABLE register. Similarly, changing these
settings must be performed while the TWI slave is disabled. Failing to do so may result in unpredictable
behavior.
6.18.1 Shared resources
The TWI slave shares registers and other resources with other peripherals that have the same ID as the
TWI slave.
Therefore, you must disable all peripherals that have the same ID as the TWI slave before the TWI slave
can be configured and used. Disabling a peripheral that has the same ID as the TWI slave will not reset
any of the registers that are shared with the TWI slave. It is therefore important to configure all relevant
registers explicitly to secure that the TWI slave operates correctly.
The Instantiation table in Instantiation on page 24 shows which peripherals have the same ID as the TWI
slave.
6.18.2 EasyDMA
The TWIS implements EasyDMA for accessing RAM without CPU involvement.
The following table shows the Easy DMA channels that the TWIS peripheral implements.
Channel
Type
Register Cluster
TXD
READER
TXD
RXD
WRITER
RXD
Table 94: TWIS EasyDMA Channels
For detailed information regarding the use of EasyDMA, see EasyDMA on page 45.
The STOPPED event indicates that EasyDMA has finished accessing the buffer in RAM.
4418_1315 v2.0
313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com