Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 336 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 336 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 332Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 333Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 334Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 335Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 336Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 337Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 338Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 339Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 340Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 400 page
background image
Peripherals
6.19.8 Pin configuration
The different signals RXD, CTS (Clear To Send, active low), RTS (Request To Send, active low), and TXD
associated with the UARTE are mapped to physical pins according to the configuration specified in the
PSEL.RXD, PSEL.CTS, PSEL.RTS, and PSEL.TXD registers respectively.
The PSEL.RXD, PSEL.CTS, PSEL.RTS, and PSEL.TXD registers and their configurations are only used as long
as the UARTE is enabled, and retained only for the duration the device is in ON mode. PSEL.RXD, PSEL.RTS,
PSEL.RTS, and PSEL.TXD must only be configured when the UARTE is disabled.
To secure correct signal levels on the pins by the UARTE when the system is in OFF mode, the pins must be
configured in the GPIO peripheral as described in the following table.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
UARTE signal
UARTE pin
Direction
Output value
RXD
As specified in PSEL.RXD
Input
Not applicable
CTS
As specified in PSEL.CTS
Input
Not applicable
RTS
As specified in PSEL.RTS
Output
1
TXD
As specified in PSEL.TXD
Output
1
Table 98: GPIO configuration before enabling peripheral
6.19.9 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50008000
0x40008000
UARTE
UARTE0 : S
UARTE0 : NS
US
SA
Universal asynchronous
receiver/transmitter with
EasyDMA 0
0x50009000
0x40009000
UARTE
UARTE1 : S
UARTE1 : NS
US
SA
Universal asynchronous
receiver/transmitter with
EasyDMA 1
0x5000A000
0x4000A000
UARTE
UARTE2 : S
UARTE2 : NS
US
SA
Universal asynchronous
receiver/transmitter with
EasyDMA 2
0x5000B000
0x4000B000
UARTE
UARTE3 : S
UARTE3 : NS
US
SA
Universal asynchronous
receiver/transmitter with
EasyDMA 3
Table 99: Instances
Register
Offset
Security Description
TASKS_STARTRX
0x000
Start UART receiver
TASKS_STOPRX
0x004
Stop UART receiver
TASKS_STARTTX
0x008
Start UART transmitter
TASKS_STOPTX
0x00C
Stop UART transmitter
TASKS_FLUSHRX
0x02C
Flush RX FIFO into RX buffer
SUBSCRIBE_STARTRX
0x080
Subscribe configuration for task STARTRX
SUBSCRIBE_STOPRX
0x084
Subscribe configuration for task STOPRX
SUBSCRIBE_STARTTX
0x088
Subscribe configuration for task STARTTX
SUBSCRIBE_STOPTX
0x08C
Subscribe configuration for task STOPTX
SUBSCRIBE_FLUSHRX
0x0AC
Subscribe configuration for task FLUSHRX
EVENTS_CTS
0x100
CTS is activated (set low). Clear To Send.
EVENTS_NCTS
0x104
CTS is deactivated (set high). Not Clear To Send.
4418_1315 v2.0
336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com