Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 19 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 19 Page - Sensirion AG Switzerland

Back Button SGP41-D-R4 Datasheet HTML 14Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 15Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 16Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 17Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 18Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 19Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 20Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 21Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 22Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
19/22
5.3 Land Pattern
Recommended land pattern of the SGP41 is shown in Figure 18. Pads on PCB are recommended to be non-solder mask
defined (NSMD). Recommended solder paste stencil thickness is 125–150
m.
Figure 18 Recommended land pattern.
5.4 Soldering Instructions
Standard reflow soldering ovens and “no clean” type 3 solder paste (as specified in IPC J-STD-005A) should be used for
soldering the SGP41. The sensors are designed to withstand a soldering profile according to IPC/JEDEC J-STD-020. Peak
temperatures of TP = 245 °C during up to tp = 30 s for Pb-free assembly in IR/Convection reflow ovens (see Figure 19) are
recommended. In addition, we also recommend a maximum ramp-down rate of <4 °C s−1. Vapor phase or manual soldering
should not be used in order to avoid damaging of the sensor. In case the PCB hosting the SGP41 chip passes through multiple
solder cycles, it is recommended to assemble the SGP41 during the last solder cycle. Board wash and ultrasonic cleaning should
be avoided. For general information (such as conformal coating), please also refer to the Handling and Assembly Instructions
for SGPxx Gas Sensors.
Figure 19 Soldering profile according to JEDEC standard. Recommended
conditions are TP = 245°C and tP ≤ 30 s for Pb-free assembly, TL < 220°C
and tL < 150 s. Ramp-up rate <3°C s−1 and ramp-down rate <4°C s−1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com