Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 11 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 11 Page - Sensirion AG Switzerland

Back Button SGP41-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 14Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 15Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
11/22
3.4 Built-in Self-Test
With the sgp41_execute_self_test command, users can perform an on-chip self-test for, e.g., in-line or end-of-line production
testing. If this command is called when the sensor is in idle mode, the sensor returns to idle mode after the test (Figure 13). In
case this command is called during VOC+NOx measurement mode (i.e., after calling the sgp41_measure_raw_signals
command), the hotplate remains switched on thereafter. It is not recommended to call this command during conditioning mode
(i.e., after calling the sgp41_execute_conditioning command). After 320 ms, the master can read a fixed data pattern (1 word +
CRC byte) to check if the test was successful or not.
Figure 13 Process flow for performing the built-in self-test.
3.5 Reading out The Sensor Serial Number
Every SGP41 sensor carries a unique serial number for identification purposes which is hard coded during sensor production.
This number can be read out by using the sgp4x_get_serial_number command at any time in idle mode (Figure 14). After 1 ms,
the chip responds with 3 words (each word followed by one CRC byte) which together constitute the serial number.
Figure 14 Process flow for reading out the serial number of the SGP41 sensor.
3.6 Sensor Start-up Behavior
The sensor starts powering-up after reaching the power-up threshold voltage of 1.7 V and enters idle mode after max. 0.6 ms.
In this state, the sensor is ready to receive commands from the master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com