Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  SGP41-D-R4 Datasheet HTML 1Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 2Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 3Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
1/22
Datasheet SGP41
Air Quality Sensor for VOC and NOx Measurements
MOx based gas sensor for air quality applications
Outstanding long-term stability and lifetime
I2C interface with digital output signals
Very small 6-pin DFN package: 2.44 x 2.44 x 0.85 mm3
Low power consumption: 3.0 mA at 3.3 V
Tape and reel packaged, reflow solderable
Figure 1 Functional block diagram of the SGP41.
Product Summary
The SGP41 is a digital gas sensor designed for easy
integration into air purifiers or demand-controlled
ventilation systems. Sensirion’s CMOSens® technology
offers a complete, easy-to-use sensor system on a single
chip featuring a digital I2C interface and temperature-
controlled micro hotplates, providing one VOC and one
NOx based indoor air quality signal. Both sensing element
and Gas Index Algorithm feature an unmatched
robustness against contaminating gases present in real-
world applications enabling a unique long-term stability
as well as low drift. The very small 2.44 x 2.44 x 0.85
mm3 DFN package enables applications in limited
spaces. Sensirion’s state-of-the-art production process
guarantees high reproducibility and reliability. Tape and
reel packaging together with suitability for standard
SMD assembly processes make the SGP41
predestined for high-volume applications.


Similar Part No. - SGP41-D-R4

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SGP40 SENSIRION-SGP40 Datasheet
1Mb / 19P
Indoor Air Quality Sensor for VOC Measurements
SGP40-D-R4 SENSIRION-SGP40-D-R4 Datasheet
1Mb / 19P
Indoor Air Quality Sensor for VOC Measurements
logo
Fairchild Semiconductor
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400DZ FAIRCHILD-SGP400DZ Datasheet
492Kb / 15P
Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400TZ FAIRCHILD-SGP400TZ Datasheet
492Kb / 15P
Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - SGP41-D-R4

ManufacturerPart #DatasheetDescription
logo
ams AG
AS-MLV-P2 AMSCO-AS-MLV-P2 Datasheet
836Kb / 24P
Air Quality Sensor
logo
BELIMO AIRCONTROLS (USA...
22DC-51 BELIMO-22DC-51 Datasheet
473Kb / 4P
Duct Air Quality Sensor
logo
Renesas Technology Corp
ZMOD4410 RENESAS-ZMOD4410 Datasheet
1Mb / 23P
Gas Sensor Module for TVOC and Indoor Air Quality
logo
Sensirion AG Switzerlan...
SPS30 SENSIRION-SPS30 Datasheet
1Mb / 26P
Particulate Matter Sensor for Air Quality Monitoring and Control
SGP40 SENSIRION-SGP40 Datasheet
1Mb / 19P
Indoor Air Quality Sensor for VOC Measurements
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
Air Quality Gas Sensor
logo
Sensirion AG Switzerlan...
SGPC3 SENSIRION-SGPC3 Datasheet
1Mb / 19P
Indoor Air Quality Sensor for TVOC Measurements
Version 1.0
logo
Renesas Technology Corp
ZMOD4410 RENESAS-ZMOD4410_V01 Datasheet
1Mb / 26P
Gas Sensor Module for TVOC and Indoor Air Quality
December 17, 2021
logo
Sensirion AG Switzerlan...
SEN5X SENSIRION-SEN5X Datasheet
1Mb / 30P
Environmental Sensor Node for HVAC and Air Quality Applications
Version 2 - D1 - March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com