Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button SGP41-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 14Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 15Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 16Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 17Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 18Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 19Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 20Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
16/22
Byte number
Description
Value
0, 1
two bytes
0xXX 0xYY: ignore most significant byte 0xXX. The four least
significant bits of the least significant byte 0xYY provide
information if the self-test has or has not passed for each
individual pixel:
bit
3
2
1
0
ignore
ignore
NOx pixel
VOC pixel
Possible results for each bit:
0: all tests passed successfully
1: one or more tests have failed
2
CRC byte for bytes 0, 1
–
Table 15 Returned values by the I2C built-in self-test command.
Turn Heater off and Return to Idle Mode
Command
Command hex. code
Description
sgp4x_turn_heater_off
0x36 0x15
This command turns the hotplate off and stops the measurement.
Subsequently, the sensor enters the idle mode.
Table 16 Description of the I2C heater off command.
Read out The Sensor Serial Number
Command
Command hex. code
Description
sgp4x_get_serial_number
0x36 0x82
This command provides the decimal serial number of the SGP41
chip by returning 3x2 bytes (+ 1 CRC byte).
Table 17 Description of the I2C get serial number command.
Byte number
Description
Value
0, 1
two bytes
First (i.e., most significant) and second byte of the serial number.
2
CRC byte for bytes 0, 1
–
3, 4
two bytes
Third and fourth byte of the serial number.
5
CRC byte for bytes 3, 4
–
6, 7
two bytes
Fifth and sixth (i.e., least significant) byte of the serial number.
8
CRC byte for bytes 6, 7
–
Table 18 Returned values by the I2C get serial number command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com