Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  SGP41-D-R4 Datasheet HTML 1Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 2Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 3Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
4/22
Parameter
Conditions
Values
Units
Min.
Typ.
Max.
Switch-on behavior Time until reliably detecting VOC or NOx events8
–
<60
–
s
Time until specifications in this
table are met
SRAW_VOC
–
<1
–
h
VOC Index
–
<1.5
–
h
SRAW_NOX
–
<7
–
d
NOx Index
–
<6
–
h
Sensitivity6
SRAW_VOC, doubling VOC
concentration in else clean air
Ethanol in
specified range
–
−870
–
ticks
5’000 to 10’000
ppb of ethanol
−710
−870
−1’030
ticks
SRAW_NOX, doubling NO2
concentration in else clean air
NO2 in specified
range
–
+1’480
–
ticks
150 to 300 ppb of
NO2
+950
+1’480
+2’010
ticks
Sampling interval
–
0.5
1
10
s
Table 1 Gas sensing specifications at 25 °C and 50 % RH in zero air (considered as clean air for indoor air quality applications) and a power
supply of VDD of 3.3 V.
Figure 2 and Figure 3 display the typical response of the VOC and NOx raw signals, respectively, of SGP41 to ethanol, NO2,
and O3 as a function of their concentrations in otherwise clean air and a background consisting of 500 ppb of H2 + 500 ppb of
ethanol.
Figure 2 Typical sensor response by the VOC signal to ethanol,
NO2, and O3 normalized to 500 ppb of H2 + 500 ppb of ethanol. Data
were recorded at 25 °C and 50 % RH and a power supply of VDD of
3.3 V.
Figure 3 Typical sensor response by the NOx signal to ethanol,
NO2, and O3 normalized to 500 ppb of H2 + 500 ppb of ethanol. Data
were recorded at 25 °C and 50 % RH and a power supply of VDD of
3.3 V.
8
Signal change during 60-s event of 5’000 to 10’000 ppb of ethanol or of 100 to 300 ppb of NO2 is three times larger than signal drift of SRAW_VOC or SRAW_NOX,
respectively, without this event during the same duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com