Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button SGP41-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 14Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 15Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 16Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
13/22
structured in data words, where one word consists of two bytes of data (most significant bit first) followed by a one-byte CRC
checksum. Each byte must be acknowledged by the master with an ACK condition for the sensor to continue sending data. If
the sensor does not receive an ACK from the master after any byte of data, it will not continue sending data.
After receiving the checksum for the last word of data, a NACK and STOP condition have to be sent (see Figure 15). The I2C
master can abort the read transfer with a NACK followed by a STOP condition after any data byte if it is not interested in
subsequent data, e.g., the CRC byte or following data bytes, in order to save time. Note that the data cannot be read more than
once, and access to data beyond the specified amount will return a pattern of high bits.
4.6 Checksum Calculation
The 8-bit CRC checksum transmitted after each data word is generated by the CRC algorithm according to the properties as
stated in Table 7. The CRC covers the contents of the two previously transmitted data bytes.
Property
Value
Example code
Name
CRC-8
uint8_t CalcCrc(uint8_t data[2]) {
uint8_t crc = 0xFF;
for(int i = 0; i < 2; i++) {
crc ^= data[i];
for(uint8_t bit = 8; bit > 0; --bit) {
if(crc & 0x80) {
crc = (crc << 1) ^ 0x31u;
} else {
crc = (crc << 1);
}
}
}
return crc;
}
Width
8 bit
Protected Data
read and/or write data
Polynomial
0x31 (x8 + x5 + x4 + 1)
Initialization
0xFF
Reflect input
False
Reflect output
False
Final XOR
0x00
Examples
CRC (0xBE 0xEF) = 0x92
Table 7 Checksums are used for the 2-byte data packets only. The command codes themselves already contain a 3-bit CRC and therefore,
a checksum must not be appended.
4.7 I2C Commands
The available measurement commands of the SGP41 are listed in Table 8.
Command
Command hex.
code
Parameter length
including CRC
[bytes]
Response length
including CRC
[bytes]
Measurement duration
[ms]
Typ.
Max.
sgp41_execute_conditioning
0x26 0x12
6
3
45
50
sgp41_measure_raw_signals
0x26 0x19
6
6
45
50
sgp41_execute_self_test
0x28 0x0E
–
3
300
320
sgp4x_turn_heater_off
0x36 0x15
–
–
0.1
1
sgp4x_get_serial_number
0x36 0x82
–
9
0.1
1
Table 8 I2C commands available for SGP41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com