Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 3 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 3 Page - Sensirion AG Switzerland

  SGP41-D-R4 Datasheet HTML 1Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 2Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 3Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
3/22
1 Sensor Performance
Table 1 lists specifications characterizing the gas sensing performance. The SGP41 chip provides two digital raw signals which
are sensitive to most VOCs typically present in indoor environments and oxidizing gases such as NOx or O3, respectively. The
raw signals are proportional to the logarithm of the resistance of the sensing material. For the specifications given below, ethanol
in clean air has been used as proxy gas for typical VOC based indoor air events and NO2 in clean air has been used as proxy
gas for typical oxidizing gas based indoor air events.
Parameter
Conditions
Values1
Units
Min.
Typ.
Max.
Output signal
range2
VOC Index, processed value from SRAW_VOC
1
–
500
VOC Index points
NOx Index, processed value from SRAW_NOX
1
–
500
NOx Index points
SRAW_VOC, digital raw value from VOC pixel
0
–
65’535
ticks3
SRAW_NOX, digital raw value from NOx pixel
0
–
65’535
ticks
Measurement
range
Ethanol in clean air
0
–
1’000’000 ppb
NO2 in clean air
0
–
10’000
ppb
Specified range
Ethanol in clean air
500
–
10’000
ppb
NO2 in clean air
50
–
650
ppb
Device-to-device
variation4
VOC Index
–
<±15
<±15
–
VOC Index points
or
% m.v.
(the larger)
NOx Index
–
<±50
<±50
–
NOx Index points
or
% m.v.
(the larger)
Repeatability4
VOC Index
–
<±5
<±5
–
VOC Index points
or
% m.v.
(the larger)
NOx Index
–
<±5
<±5
–
NOx Index points
or
% m.v.
(the larger)
Limit of detection5,6 Ethanol in 500 ppb of ethanol7 and 0 ppb of NO2 in
else clean air
–
–
<50
or
<10
ppb
or
% of concentration setpoint
(the larger)
NO2 in 500 ppb of ethanol7 in else clean air
–
–
<20
or
<10
Response time
63 SRAW_VOC, changing concentration from 5’000
to 10’000 ppb of ethanol at sampling interval of 1 s
–
<10
–
s
SRAW_NOX, changing concentration from 150 to
300 ppb of NO2 at sampling interval of 1 s
–
<250
–
s
1
99 % of the sensors will be within the minimum–maximum tolerance. Typical tolerance refers to the mean of the distribution for ≥100 sensors.
2
Humidity compensated when actual humidity value is provided as input to the sensor (see section 3.2 Raw Signal Measurement).
3
Signal in ticks is proportional to the logarithm of the resistance of the sensing layer.
4
Evaluated using the calibration and test sequence according to the application note SGP41 – Testing Guide.
5
Limit of detection is defined as the minimum change of concentration required to obtain a raw signal change 3 times higher than the noise at the given concentration setpoint.
6
Parameter tested over simulated lifetime of 10 years in an indoor environment. Test conditions: continuous operation in 250 ppm of Decamethylcyclopentasiloxane (D5) for
200 h.
7
A concentration of 500 ppb of ethanol corresponds to the equivalent of a typical VOC background present in an application environment, e.g., a typical OEM device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com