Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 14 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 14 Page - Sensirion AG Switzerland

Back Button SGP41-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 14Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 15Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 16Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 17Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 18Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
14/22
Conditioning
Command
Command hex. code
Description
sgp41_execute_conditioning
0x26 0x12 0x80 0x00 0xA2 0x66
0x66 0x93
This command starts the conditioning, i.e., the VOC pixel will be
operated at the same temperature as it is by calling the
sgp41_measure_raw_signals command while the NOx pixel will
be operated at a different temperature for conditioning. This
command returns only the measured raw signal of the VOC pixel
SRAW_VOC as 2 bytes (+ 1 CRC byte).
Table 9 Description of the I2C conditioning command.
Byte number
Description
Value
0, 1
two bytes
u16 unsigned integer directly provides the raw signal
SRAW_VOC in ticks which is proportional to the logarithm of the
resistance of the sensing element.
2
CRC byte for bytes 0, 1
–
Table 10 Returned values by the I2C conditioning command.
Measure Raw Signals
Command
Subcommand
Command hex. code
Description
sgp41_measure_raw_signals Without humidity
compensation
0x26 0x19 0x80 0x00 0xA2
0x66 0x66 0x93
This command starts/continues the VOC+NOx
measurement
mode,
leaves
humidity
compensation disabled by sending the default
values (see Table 12) and returns the measured
raw signals SRAW_VOC and SRAW_NOX as 2x2
bytes (+ 1 CRC byte).
With humidity
compensation
0x26 0x19 0xXX 0xXX 0xXX
0xYY 0xYY 0xYY
In order to enable the humidity compensation, the
master has to specify the relative humidity 0xXX
0xXX 0xXX and temperature 0xYY 0xYY 0xYY
input (incl. corresponding CRC bytes) in the format
as given in Table 12.
Table 11 Description of the I2C measurement command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com