Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button SGP41-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 14Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 15Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 16Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
12/22
4 Digital Interface Description
4.1 General Considerations
For detailed information about the I2C protocol itself and its detailed implementation, please, consult the document NXP I2C-bus
specification and user manual. All SGP41 commands consist of two bytes (16 bits). The commands must not be followed by a
CRC. Additionally, data sent to and returned from the sensor is transferred in packets of two bytes (16 bits) followed by a 1-byte
(8 bit) CRC.
4.2 I2C Address
The sensor’s I2C address is 89 (decimal; hex.: 0x59). The I2C header is formed by the I2C address followed by a read or write
bit.
4.3 I2C Voltage Levels
Input and output voltage levels are specified in section 6.1 of NXP I2C-bus specification and user manual. The sensor’s interface
is compatible with 1.7–3.6 V I2C bus voltage levels depending on the supply voltage level.
4.4 I2C Protocol Speed
The sensor supports I2C “standard-mode” and “fast-mode”, with a maximum clock frequency of 100 or 400 kHz, respectively.
4.5 I2C Sequences
The typical communication sequence between the I2C master (e.g., a microcontroller in a host device) and the sensor is
described as follows and visualized in Figure 15:
1.The sensor is powered up.
2.The I2C master periodically calls the measurement command and reads data in the following sequence:
a.I2C master sends a measurement command.
b.I2C master waits until the measurement is finished either by waiting for the maximum execution time or by waiting for the
expected duration and then poll data until the read header is acknowledged by the sensor (expected durations are listed
in Table 8).
c. I2C master reads out the measurement result.
Figure 15 Possible I2C command sequences for communicating with the SGP41. Dark areas indicate that the sensor controls the SDA (data)
line. First, the I2C master sends the write header writing a 16-bit command, potentially followed by two words of data with CRC bytes. For
reading the measured data, the I2C master sends the read header and receives one word of data with CRC byte in case of the built-in self-
test and in case of conditioning or two words with CRC bytes in case of measuring the raw signals of the two pixels. In case of reading out
the serial number of the sensor, the master receives three words with CRC bytes.
With the acknowledgement of the measurement command, the SGP41 starts measuring. When the measurement is in progress,
no communication with the sensor is possible and the sensor aborts the communication with a NACK condition. After the sensor
has completed the measurement, the master can read the measurement results by sending an I2C read header. The sensor will
acknowledge the reception of the read header and responds with data. The response data length is listed in Table 8 and is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com