Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 7 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 7 Page - Sensirion AG Switzerland

Back Button SGP41-D-R4 Datasheet HTML 3Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
7/22
2.4 Absolute Minimum and Maximum Ratings
Stress levels beyond those listed in Table 5 may cause permanent damage to the device. Exposure to minimum/maximum
rating conditions for extended periods may affect sensor performance and reliability of the device.
Parameter
Rating
Supply voltage
VDD
−0.3 to +3.6 V
Supply voltage
VDDH
−0.3 to +3.6 V
Short-term storage temperature range11
−40 to +70 °C
Operating temperature range
−20 to +55 °C
Short-term storage humidity range12
0 to 80 % (non-condensing)
Operating humidity range
0 to 90 % (non-condensing)
ESD HBM
2 kV
ESD CDM
500 V
Latch up, JESD78 Class II, 125 °C
100 mA
Table 5 Absolute minimum and maximum ratings.
2.5 Interface Specifications
The SGP41 comes in a 6-pin DFN package, see Table 6. Figure 6 shows a typical application circuit. The VDD pin must be
decoupled with an RC element. The required decoupling for VDDH depends on the power supply network connected to the
sensor, a capacitor of 1
F is recommended. VDD and VDDH must be connected to one single supply VDD. The external pull-
up resistors (e.g., Rp = 10 k) are required to pull the SDA and SCL signal lines high. For dimensioning resistor sizes please
take bus capacity and communication frequency into account (see section 7.1 of NXP I2C-bus specification and user manual for
more details). It should be noted that pull-up resistors may be included in I/O circuits of microcontrollers. The die pad or center
pad is electrically connected to GND. Hence, electrical considerations do not impose constraints on the wiring of the die pad.
However, for mechanical stability it is recommended to solder the die pad to the PCB.
Pin
Name
Comments
1
VDD
Supply voltage
2
VSS
Ground
3
SDA
Serial data, bidirectional
4
n/a
Connect to ground (no electrical function)
5
VDDH
Supply voltage, hotplate
6
SCL
Serial clock, bidirectional
Table 6 Pin assignment (transparent top view). Dashed lines are only visible from the bottom.
11
Short-term storage refers to temporary conditions during, e.g., transport.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com