Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  SGP41-D-R4 Datasheet HTML 1Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 2Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 3Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
5/22
2 Specifications
2.1 Electrical Specifications
Table 2 lists electrical specifications of the SGP41. Default conditions of 25 °C and 3.3 V supply voltage apply to values in the
table below, unless otherwise stated. The SGP41 supports both I2C “standard-mode” and “fast-mode” (see NXP I2C-bus
specification and user manual).
Parameter
Symbol
Values
Unit
Comments
Min.
Typ.
Max.
Supply voltage, hotplate supply
voltage9
VDD,
VDDH
1.7
3.3
3.6
V
Minimal voltage must be guaranteed also for the
maximum supply current specified in this table.
VDD and VDDH must be connected to the same
power supply, see Figure 6.
Idle current
IDD
–
34
105
A
The idle mode is activated after power-up, after
calling the sgp4x_turn_heater_off command, or
after a soft reset.
Supply current during conditioning
mode10
–
6.5
7.2
mA
Average current consumption while the sensor is
continuously operated at VDD, VDDH = 1.8 V.
–
4.2
4.6
mA
Average current consumption while the sensor is
continuously operated at VDD, VDDH = 3.3 V.
Supply current during VOC+NOx
measurement mode10
–
4.3
4.8
mA
Average current consumption while the sensor is
continuously operated at VDD, VDDH = 1.8 V.
–
3.0
3.4
mA
Average current consumption while the sensor is
continuously operated at VDD, VDDH = 3.3 V.
Communication
–
Digital 2-wire interface, I2C
Table 2 Electrical specifications.
2.2 Timing Specifications
Timings in Table 3 refer to the power up and reset of the ASIC part and do not reflect the usefulness of the readings.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power-up time
tPU
After hard reset,
VDD ≥ VPOR
–
0.4
0.6
ms
Soft reset time
tSR
After soft reset
–
0.4
0.6
ms
SCL clock frequency
fSCL
–
–
–
400
kHz
Table 3 System timing specifications.
9
Any supply voltage as defined by the min./max. range may be used for continuous operation of the sensor. The typical value specifies the supply voltage at which outgoing
quality control is performed.
10
Sending the sgp41_execute_conditioning and sgp41_measure_raw_signals command enables continuous operation of the sensor. A 20 % higher current is drawn during
5 ms on VDDH after sending either of the two commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com