Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP41-D-R4 Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # SGP41-D-R4
Description  Air Quality Sensor for VOC and NOx Measurements
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP41-D-R4 Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button SGP41-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP41-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.sensirion.com
version 1.0 – December 2021
9/22
3 Sensor Output Signal Description
3.1 Conditioning
After each restart of the sensor or when the hotplates have been switched off, the sgp41_execute_conditioning command must
be called from idle mode before the master calls the first sgp41_measure_raw_signals command (Figure 7). The conditioning
heats the hotplate of the NOx pixel to a different temperature compared to the measurement mode enabling a faster switch-on
(as specified in Table 1) thereafter. It is recommended to execute the conditioning for 10 s, but 10 s must not be exceeded to
avoid damage to the sensing material. Thereafter, the VOC+NOx measurement mode can be entered by following the
instructions given in 3.2 Raw Signal Measurement. The conditioning command requires to send default input parameters (2
words + respective CRC bytes).
Figure 7 Standard process flow for executing the conditioning of SGP41.
Optionally, the master may already read out the raw signal of the VOC pixel (SRAW_VOC) during conditioning (Figure 8) since
the hotplate of the VOC pixel will already be set to the temperature used in the VOC+NOx measurement mode. After calling the
sgp41_execute_conditioning command and after a subsequent minimum waiting time of 50 ms, SRAW_VOC is returned as one
16-bit word followed by a CRC byte. The sgp41_execute_conditioning command can be called consecutively multiple times
during the conditioning period.
Figure 8 Optional process flow for executing the conditioning of SGP41 and reading out the VOC raw signal.
3.2 Raw Signal Measurement
Calling the sgp41_measure_raw_signals command launches/continues the VOC+NOx measurement mode. The first call of this
command should be performed after the conditioning (see 3.1 Conditioning). This command starts one measurement of the raw
signals of the VOC and the NOx pixel (SRAW_VOC, SRAW_NOX) which are returned after 50 ms. The two raw signal values in
ticks are provided as two 16-bit words each followed by one CRC byte (Figure 9). The raw signals in ticks are proportional each
to the logarithm of the corresponding sensor resistance. These tow signals are used as input for Sensirion’s Gas Index Algorithm
to provide processed VOC and NOx Indices (see section 3.3 VOC and NOx Index Measurement). In case the Gas Index Algorithm
is not used, discard the first measured value of each signal. Typically, a measurement is performed every second by calling the
sgp41_measure_raw_signals command again every second without turning the heater off. To exit the VOC+NOx measurement
mode, the master calls the sgp4x_turn_heater_off command which switches off the hotplates and puts the sensor in idle mode.
In order to avoid prolonged run-in of the NOx signal, it is recommended to keep the measurement running whenever possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com