Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 45Page - STMicroelectronics ST7294 Datasheet HTML 46Page - STMicroelectronics ST7294 Datasheet HTML 47Page - STMicroelectronics ST7294 Datasheet HTML 48Page - STMicroelectronics ST7294 Datasheet HTML 49Page - STMicroelectronics ST7294 Datasheet HTML 50Page - STMicroelectronics ST7294 Datasheet HTML 51Page - STMicroelectronics ST7294 Datasheet HTML 52Page - STMicroelectronics ST7294 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
49/69
ST72E94 - ST72T94
1.2 PIN DESCRIPTION
V
DD. Power supply.
VSS. Ground.
OSCin, OSCout. Oscillator input and output pins.
These pins are to be connected to a parallel reso-
nant crystal or ceramic resonator. An external
clock source can also be input through OSCin.
RESET. The active low input signal forces the ini-
tialisation of the MCU. This event is the first priori-
ty interrupt. This pin is switched output low when
the Watchdog has released. It could be used to re-
set external peripherals.
INT/VPP. is the external interrupt signal. Software
configuration allows four triggering modes. In the
EPROM programming mode, this pin acts as the
programming voltage input V
PP.
ICAP (PC0). Input capture signal going to the TIM-
ER system. This signal, according to a mask op-
tion, can be an ICAP pin or PC0 pin. When PC0 is
defined as ICAP, the internal pull-up resistor is not
connected.
OCMP1 (PC1). Output compare signal coming
from the TIMER system. This output signal, ac-
cording to a mask option, can be an OCMP1 pin
(for output compare 1 of the timer) or PC1 pin.
When PC1 is defined as OCMP1, the internal pull-
up resistor is not connected.
PA0-PA7, PB0-PB7, PC0-PC5. These 22 lines
are standard I/O lines, programmable as either in-
put or output.
– PORT A. 8 Standard I/O lines, bit programma-
ble, accessed through DDRA and DRA Regis-
ters. According to a mask option, the outputs can
be defined as a standard push-pull output port or
as an open drain output port. According to anoth-
er mask option, a pull-up resistor can be added
on each line when it is defined as an input.
– PORT B. 8 Standard I/O lines bit programmable
accessed through DDRB and DRB Registers.
According to another mask option, a pull-up re-
sistor can be added on each line when it is de-
fined as an input.
– PORT C. 6 Standard I/O lines accessed through
DDRC and DRC Registers. According to a mask
option, these 6 lines can become 6 falling edge
sensitive interrupt lines all linked to a single inter-
rupt vector or 6 standard input ports tied to V
DD
through an internal pull-up resistor. These nega-
tive edge sensitive interrupt lines can wake-up
the ST72E94 from WAIT or HALT mode. This
feature allows to build low power applications
when the ST72E94 can be waken-up from key-
board push.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com