Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 58Page - STMicroelectronics ST7294 Datasheet HTML 59Page - STMicroelectronics ST7294 Datasheet HTML 60Page - STMicroelectronics ST7294 Datasheet HTML 61Page - STMicroelectronics ST7294 Datasheet HTML 62Page - STMicroelectronics ST7294 Datasheet HTML 63Page - STMicroelectronics ST7294 Datasheet HTML 64Page - STMicroelectronics ST7294 Datasheet HTML 65Page - STMicroelectronics ST7294 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
62/69
ST7293
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST7293 is a HCMOS microcontroller unit
(MCU) from the ST7 family. It is based around an
industry standard 8 bit core and offers an en-
hanced instruction set. The processor runs with an
external clock at 8MHz with a 5V supply and
4MHz with a 3.0V supply. Due to the fully static
design of this device, operation down to DC is
possible. Under software control the ST7293 can
be placed in WAIT or HALT mode thus reducing
power consumption. The enhanced instruction set
and addressing modes afford real programming
potential. In addition to standard 8 bit data man-
agement the ST7293 features true bit manipula-
tion, 8x8 unsigned multiplication and indirect ad-
dressing modes. The device includes an on-chip
oscillator, CPU, ROM, RAM, EEPROM, I/O and
one timer with one input capture and two output
compare systems.
Figure 2. ST7293 Block Diagram
CONTROL
PORT A
PORT B
PORT C
TIMER SYSTEM
RAM
128 Bytes
ROM
3,25 kbytes
PA0 - PA7
(8-Bit)
PB0 - PB7
(8-Bit)
PC0 - PC5
(6-Bit)
V
DD
V
SS
OSCin
OSCout
INT
RESET
OSCILLATOR
POWER
SUPPLY
8 -BIT CORE
ALU
VR01735A
Internal
CLOCK
WATCHDOG
EEPROM
128 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com