Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 30Page - STMicroelectronics ST7294 Datasheet HTML 31Page - STMicroelectronics ST7294 Datasheet HTML 32Page - STMicroelectronics ST7294 Datasheet HTML 33Page - STMicroelectronics ST7294 Datasheet HTML 34Page - STMicroelectronics ST7294 Datasheet HTML 35Page - STMicroelectronics ST7294 Datasheet HTML 36Page - STMicroelectronics ST7294 Datasheet HTML 37Page - STMicroelectronics ST7294 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
34/69
ST7294
Indexed (no offset, short, long)
The required data byte to do the operation is found
by its memory address, which is defined by the un-
signed addition of an index register (X or Y) with
an offset which follows the op-code.
The indirect addressing mode consists of three
sub-modes:
Indexed (no offset) :
There is no offset, (no extra byte after the op-
code), but only allows 00.FF addressing space.
Indexed (short) :
The offset is a byte, thus require only one byte af-
ter the op-code, but only allow
00..1FE addressing space.
Indexed (long) :
The offset is a word, thus allowing 64Kbytes ad-
dressing space, but requires 2 bytes after the op-
code.
No Offset, Long and
Short Indexed Instruc.
Function
LD
Load
CP
Compare
AND, OR, XOR
Logical Operations
ADC, ADD, SUB, SBC
Arithmetic Additions/Sub-
stractions operations
BCP
Bit Compare
No Offset and Short
Indexed Inst. Only
Function
CLR
Clear
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1 or 2 Complement
BSET, BRES
Bit Operations
BTJT, BTJF
Bit Test and Jump Operations
SLL, SRL, SRA, RLC,
RRC
Shift and Rotate Operations
SWAP
Swap Nibbles
CALL, JP
Call or Jump subroutine
Indirect (short, long):
The required data byte to do the operation is found
by its memory address, located in memory (point-
er).
The pointer address follows the op-code. The indi-
rect addressing mode consists of two sub-modes:
Indirect (short) :
The pointer address is a byte, the pointer size is a
byte, thus allowing 00..FF addressing space, and
requires 1 byte after the op-code.
Indirect (long) :
The pointer address is a byte, the pointer size is a
word, thus allowing 64Kbytes addressing space,
and requires 1 byte after the op-code.
Available Long and
Short Indirect
Instructions
Fun ction
LD
Load
CP
Compare
AND, OR, XOR
Logical Operations
ADC, ADD, SUB, SBC
Arithmetic Additions/Sub-
stractions operations
BCP
Bit Compare
Short Indirect
Instructions Only
Fun ction
CLR
Clear
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1 or 2 Complement
BSET, BRES
Bit Operations
BTJT, BTJF
Bit Test and Jump Opera-
tions
SLL, SRL, SRA, RLC,
RRC
Shift and Rotate Opera-
tions
SWAP
Swap Nibbles
CALL, JP
Call or Jump subroutine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com