Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 21Page - STMicroelectronics ST7294 Datasheet HTML 22Page - STMicroelectronics ST7294 Datasheet HTML 23Page - STMicroelectronics ST7294 Datasheet HTML 24Page - STMicroelectronics ST7294 Datasheet HTML 25Page - STMicroelectronics ST7294 Datasheet HTML 26Page - STMicroelectronics ST7294 Datasheet HTML 27Page - STMicroelectronics ST7294 Datasheet HTML 28Page - STMicroelectronics ST7294 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
25/69
ST7294
4.3 16-BIT TIMER
4.3.1 Introduction
The 16-bit programmable timer consists of a 16-bit
free running counter driven by a mask option con-
figurable prescaler and control logic for one input
capture and two output compare registers. It can
be used for many purposes including pulse length
measurement of one input signal and generation
of one output waveform.
Because the timer has a 16-bit architecture, each
of its specific function block is represented by two
registers. These registers contain the high order
byte and low order byte of that function. However
an access to the high order byte inhibits that spe-
cific timer capability until the low order byte is also
accessed.
Note that correct software procedures should set
the I bit of the Condition Code Register before ac-
cessing the high order byte to prevent an interrupt
from occurring between the accesses to the high
and low order bytes of any register.
The timer block diagram is shown on Figure 18.
4.3.2 Functional Description
4.3.2.1 Counter
The key element of the programmable timer is a
16-bit free running counter or counter register. It is
preceded by a prescaler which divides the internal
clock by four. This counter is incrementing by
each event.
Software can read the counter at any time without
affecting its value. It can be read from two loca-
tions, the Counter Register (0018h, 0019h) and
Alternate Counter Register (001Ah, 001Bh). The
only difference between these two read-only reg-
isters is the way the overflow flag TOF is handled
during a read sequence.
A read sequence containing only a read of the
least significant byte of the free running counter
(from either the Counter Register or the Alternate
Counter Register) will receive the LSB of the count
value at the time of the read. A read of the most
significant byte (from either the Counter Register
or the Alternate Counter Register) simultaneously
returns the MSB of the count value and causes the
LSB to be transferred into a buffer.
The buffered value remains unchanged until the
16-bit read sequence is completed, even if the
user reads the MSB several times. The read se-
quence is completed by reading the free running
counter LSB, which actually returns the buffered
value.
As shown on Figure 20 and Figure 21, the free
running counter is configured to FFFCh during re-
set. During a Power-On Reset (POR), the counter
is also configured to FFFCh and begins running
after the oscillator start-up delay.
When the counter rolls over from FFFFh to 0000h,
the Timer Overflow flag (TOF) of the Timer Status
Register (TSR) is set. A timer interrupt is then gen-
erated if the TOIE enable bit of the Timer Control
Register (TCR) is set, provided the I bit of the CCR
is cleared. If one of these conditions is false, the
interrupt remains pending to be issued as soon as
they are both true. The Interrupt Request is
cleared by reading TSR, while TOF is set followed
by an access (read or write) to the LSB of the
Counter Register.
The TOF flag is not affected by accesses to the Al-
ternate Counter Register. This feature allows si-
multaneous use of the overflow function and reads
of the free running counter at random times (for
example, to measure on elapsed time) without
risking to clear the TOF flag erroneously. Access-
es to the Timer without the intention of servicing
the TOF flag should therefore be performed to the
Alternate Counter Register while only the TOF
service routine accesses the Counter Register.
The free running counter can be reset under soft-
ware control. This is performed by writing to the
LSB of either the Counter Register or the Alternate
Counter Register. The counter and the prescaler
are then configured to their reset conditions. This
reset also completes any 16-bit access sequence.
All flags and enable bits are unchanged.
The value in the counter registers repeats every
262,144 internal processor clock cycles. As
shown on Figure 20, the counter increment is trig-
gered by a falling edge of the CPU clock.
The timer is not affected by the WAIT mode. In the
HALT mode, the counter stops counting until the
mode is exited. Counting then resumes from pre-
vious count (MCU awoken by an interrupt) or from
reset count (MCU awoken by a reset).
4.3.2.2 Input Capture
The ST7294 features an Input Capture register
and an Input Capture interrupt enable bit. The 16-
bit Input Capture Register, ICR1, is made up of
two 8-bit registers: the most significant byte regis-
ter, ICHR1, located at 014h, and the least signifi-
cant byte register (ICLR1) located at 015h. The
read-only register ICR1 is used to latch the value
of the free running counter after a defined transi-
tion is sensed by the input capture edge detector
on ICAP. This transition is software programmable
through the IEDG1 bit of the Timer Control Regis-
ter. When IEDG1 is set, a rising edge triggers the
capture; when IEDG1 is low, the capture is trig-
gered by a falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com