Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 57Page - STMicroelectronics ST7294 Datasheet HTML 58Page - STMicroelectronics ST7294 Datasheet HTML 59Page - STMicroelectronics ST7294 Datasheet HTML 60Page - STMicroelectronics ST7294 Datasheet HTML 61Page - STMicroelectronics ST7294 Datasheet HTML 62Page - STMicroelectronics ST7294 Datasheet HTML 63Page - STMicroelectronics ST7294 Datasheet HTML 64Page - STMicroelectronics ST7294 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
September 1995
61/69
ST7293
8-BIT MCU WITH 3K ROM, EEPROM AND 16-BIT TIMER
WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
n 2.5 to 5.5V Supply Operating Range
n 4MHz Maximum Clock Frequency
n Fully Static operation
n -40
° to +85°C Operating Temperature Range
n Run, Wait, Stop and RAM Retention modes
n User ROM:
3,328 bytes
n Data RAM:
128 bytes
n EEPROM:
128 bytes
n 28 pin Dual-in-Line and SO plastic packages
n 22 Bidirectional I/O lines
n 6 Interrupt Wake-Up programmable input lines
n 16-bit Timer with Input Capture and dual Output
Compare
n 2V RAM Data Retention mode
n Master Reset and Power-On Reset
n Maskable Options for:
– Input Capture (ICAP) and Output Compare
(OCMP) signal pinouts
– PORT C Wake-Up function
– PORT A Open-Drain outputs
– PORTS A and B input Pull-Ups
– Watchdog Enabled/ Disabled following Reset
– Watchdog Enabled during WAIT mode
n 8-bit Data Manipulation
n 63 Basic Instructions
n 17 main Addressing Modes
n 8x8 Unsigned Multiply instruction
n True Bit Manipulation
n Complete Development Support on PC/DOS
Real-Time Emulator
n Full
Software
Package
(Cross-Assembler,
Debugger)
n EPROM and OTP support
Figure 1. Pin Description
Note 1. This pin is also the VPP input for EPROM based device
PDIP28
PSO28
(See end of Datasheet for Ordering Information)
INT
RESET
OSCin
OSCout
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PC5
V
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0 (ICAP)
PC1 (OCMP1)
PC2
PC3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VR0A1734
DD
VSS
PC4
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com