Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 61Page - STMicroelectronics ST7294 Datasheet HTML 62Page - STMicroelectronics ST7294 Datasheet HTML 63Page - STMicroelectronics ST7294 Datasheet HTML 64Page - STMicroelectronics ST7294 Datasheet HTML 65Page - STMicroelectronics ST7294 Datasheet HTML 66Page - STMicroelectronics ST7294 Datasheet HTML 67Page - STMicroelectronics ST7294 Datasheet HTML 68Page - STMicroelectronics ST7294 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
68/69
ST7293
ST7293 STANDARD OPTION LIST
Customer Company . . .... .. . ... .... . ... . ... .. ... . ... . . . . .. ... ... . ... .. .. ... .. .
Company Address:. . . . . . . . . . . . . .... .. .. ... ... . . . . .. .... . . . .. . . . .... .. .. ... .. ..
Contact Name:
. . . . .... . . . . . . ... . . . . . . . . . . . . . . . . . . . . ... . . . .... .. . . .. ... . . .. .
Phone n
°: ... . . . . . . .... . . . .... .. . . .. ... . . .. .. .. . . .. . ... . . . .... .. . . .. ... . . .. .
Fax n
°: . . . . . . . . . . . . .... .. . . . . .... . ... . ... .. ... . ... . . . . .. ... ... . ... .. .. ... .. .
SGS-THOMSON Microelectronics references
Package:
[
] PSO28
[
] PDIP28
Conditioning (if PSO package):
[
] Tape & Reel
[
] Stick (Standard)
Temperature Range:
[
] 0 to 70
°C
[
] -40 to 85
°C
For marking one line with 11 characters maximum is possible
Special Marking
[ ] (y/n) “___________”
Authorized characters are letters, digits, ’
. ’, ’ - ’, ’ / ’ and spaces.
OPTIONS:
Watchdog ENABLE MODE
[ ] Software Enable
[ ] Always Enable
Watchdog during WAIT
[ ] Active during WAIT mode
[ ] Suspend during WAIT mode
Enable Wake-up on PORT C [ ] PORT C 6-bit I/O PORT
[ ] PORT C interrupt Wake-up inputs
Pinout for ICAP (PC0)
[ ] ICAP is bonded on pin 18
[ ] PC0 is bonded on pin 18
Pinout for OCMP1 (PC1)
[ ] OCMP1 is bonded on pin 17
[ ] PC0 is bonded on pin 17
PORT A Outputs
[ ] Standard push-pull output PORT
[ ] Open Drain output PORT
Yearly quantity forecast:
[....................................] K Units
For a period of
[....................................] Years
Preferred production start dates:
[....................................] (YY/MM/DD)
Risk order quantity:
[....................................]
Agreed A.S.P.
[....................................]
Signature . . . . . . . . . . .... .. . ... .... . ... .. .. .. ... . ... . . . . .. .. . ... . ... .. .. ... .. .
Date . . . . . . . . . . . . . . .... ... . . . ... . . . . . . . . . . . . . . . . . . . . ... . . . . . . ... . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com