Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 61Page - STMicroelectronics ST7294 Datasheet HTML 62Page - STMicroelectronics ST7294 Datasheet HTML 63Page - STMicroelectronics ST7294 Datasheet HTML 64Page - STMicroelectronics ST7294 Datasheet HTML 65Page - STMicroelectronics ST7294 Datasheet HTML 66Page - STMicroelectronics ST7294 Datasheet HTML 67Page - STMicroelectronics ST7294 Datasheet HTML 68Page - STMicroelectronics ST7294 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
65/69
ST7293
1.3 MEMORY MAP
As shown in Figure 3, the MCU is capable of ad-
dressing 8192 bytes of memory and I/O registers.
In the ST7293, 3604 of these bytes are user ac-
cessible.
The locations consist of 32 bytes of I/O registers
(only 20 are used), 128 bytes of RAM, 128 bytes
of EEPROM and 3.25Kbytes of user ROM. The
RAM space includes 64 bytes for the stack from
0FFh to 0C0h. Programs that only use a small part
of the allocated stack locations for interrupts and/
or subroutine stacking purpose can use the re-
maining bytes as standard RAM locations.
The highest address bytes contains the user de-
fined reset and interrupt vectors.
Figure 3. Memory Map
I/O and REGISTERS
Bytes
RAM
128 Bytes
(STACK)
64 Bytes
128 Bytes
RESERVED
4096 Bytes
3.25K USER ROM
3328 Bytes
RESERVED
240 Bytes
PORT A DATA REGISTER
PORT B DATA REGISTER
PORT C DATA REGISTER/INTERRUPTS
PORT A DATA DIRECTION REGISTER
PORT B DATA DIRECTION REGISTER
PORT C DATA DIRECTION REGISTER
EEPROM CONTROL REGISTER
MISCELLANEOUS REGISTER
TIMER CONTROL REGISTER
TIMER STATUS REGISTER
CAPTURE HIGH REGISTER 1
CAPTURE LOW REGISTER 1
COUNTER HIGH REGISTER
COMPARE LOW REGISTER 1
COMPARE HIGH REGISTER 1
COUNTER LOW REGISTER
ALTERNATE COUNTER HIGH REGISTER
ALTERNATE COUNTER LOW REGISTER
COMPARE HIGH REGISTER 2
PORTS
6 Bytes
EEPROM/CPULK
CONTROL 1 Byte
MISCELLANEOUS
1 Byte
TIMER
12 Bytes
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
COMPARE LOW REGISTER 2
1Fh
0000
0031
0127
0191
0192
0255
0256
0512
0511
4607
4608
7935
7936
8175
8176
0000h
1FEFh
1F00h
1EFFh
1200h
11FFh
01FFh
0200h
00FFh
00C0h
00BFh
VR001107
EEPROM
RESERVED
RESERVED
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
1FFFh
USER VECTORS
16 Bytes
8191
1FF0h
007Fh
0080h
96 Bytes
RESERVED
RESERVED
128 Bytes
0128
0032
0384
0383
017Fh
0180h
001Fh
0020h
0100h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com