Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 31Page - STMicroelectronics ST7294 Datasheet HTML 32Page - STMicroelectronics ST7294 Datasheet HTML 33Page - STMicroelectronics ST7294 Datasheet HTML 34Page - STMicroelectronics ST7294 Datasheet HTML 35Page - STMicroelectronics ST7294 Datasheet HTML 36Page - STMicroelectronics ST7294 Datasheet HTML 37Page - STMicroelectronics ST7294 Datasheet HTML 38Page - STMicroelectronics ST7294 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
35/69
ST7294
Indirect Indexed (short, long):
This is a combination of indirect and short indexed
addressing mode. The required data byte to do
the operation is found by its memory address,
which is defined by the unsigned addition of an in-
dex register value (X or Y) with a pointer value lo-
cated in memory. The pointer address follows the
op-code.
Long and Short
Indi rect Indexed
Instructions
Function
LD
Load
CP
Compare
AND, OR, XOR
Logical Operations
ADC, ADD, SUB, SBC
Arithmetic Additions/Sub-
stractions operations
BCP
Bit Compare
Short Indir ect Indexed
Instructions Only
Function
CLR
Clear
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1 or 2 Complement
BSET, BRES
Bit Operations
BTJT, BTJF
Bit Test and Jump Opera-
tions
SLL, SRL, SRA, RLC,
RRC
Shift and Rotate Opera-
tions
SWAP
Swap Nibbles
CALL, JP
Call or Jump subroutine
The indirect indexed addressing mode consists of
two sub-modes:
Indirect Indexed (short) :
The pointer address is a byte, the pointer size is a
byte, thus allowing 00..1FE addressing space,
and requires 1 byte after the op-code.
Indirect Indexed (long) :
The pointer address is a byte, the pointer size is a
word, thus allowing 64Kbytes addressing space,
and requires 1 byte after the op-code.
Relative mode (direct, indirect):
This addressing mode is used to modify the PC
register value, by adding an 8 bit signed offset to
it.
The relative addressing mode consists of two sub-
modes:
Relative (direct):
The offset is following the op-code.
Relative (indirect):
The offset is defined in memory, which address
follows the op-code.
Available Relative
Direct/Indirect
Instructions
Fun ction
JRxx
Conditional Jump
CALLR
Call Relative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com