Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 35Page - STMicroelectronics ST7294 Datasheet HTML 36Page - STMicroelectronics ST7294 Datasheet HTML 37Page - STMicroelectronics ST7294 Datasheet HTML 38Page - STMicroelectronics ST7294 Datasheet HTML 39Page - STMicroelectronics ST7294 Datasheet HTML 40Page - STMicroelectronics ST7294 Datasheet HTML 41Page - STMicroelectronics ST7294 Datasheet HTML 42Page - STMicroelectronics ST7294 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
ST7294
39/69
6 ELECTRICAL CHARACTERISTICS
6.1 ABSOLUTE MAXIMUM RATINGS
The ST7294 device contains circuitry to protect
the inputs against damage due to high static volt-
age or electric fields. Nevertheless, it is recom-
mended that normal precautions be observed and
that one should avoid subjecting such high-im-
pedance circuits to voltages higher than those
quoted in the Absolute Maximum Ratings, see Ta-
ble 10. For proper operation, it is recommended
that VIN and VOUT be constrained within the
range:
VSS ≤ VIN and VOUT ≤ VDD
To improve reliability, it is recommended that un-
used I/Os be configured as inputs and that they be
connected to an appropriate logic voltage level
such as VSS or VDD.
All voltages quoted in the following tables are ref-
erenced to VSS.
Stresses above those listed in the “Absolute Max-
imum Ratings” may cause permanent damage to
the device. Functional operation of the device at
these conditions is not implied. Exposure to maxi-
mum rating conditions for extended periods may
affect device reliability.
Table 10. Absolute Maximum Rating (Voltage Referenced to V
SS)
Symbol
Ratings
Value
Unit
VDD
Supply Voltage
-0.3 to +6V
V
VIN
Input Voltage
VSS -0.3 to VDD +0.3
V
IVDD -IVSS
Total current into VSS/VDD pins
50/20
mA
I
Current drain per pin excluding VDD and VSS
20
mA
TA
Operating Temperature Range
(Depending on version)
TL to TH
0 to +70
or -40 to +85
°C
T
STG
Storage Temperature Range
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com