Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 46Page - STMicroelectronics ST7294 Datasheet HTML 47Page - STMicroelectronics ST7294 Datasheet HTML 48Page - STMicroelectronics ST7294 Datasheet HTML 49Page - STMicroelectronics ST7294 Datasheet HTML 50Page - STMicroelectronics ST7294 Datasheet HTML 51Page - STMicroelectronics ST7294 Datasheet HTML 52Page - STMicroelectronics ST7294 Datasheet HTML 53Page - STMicroelectronics ST7294 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
50/69
ST72E94 - ST72T94
PIN DESCRIPTION (Continued)
Table 1. ST72E94 Pin Configuration
Name
Function
Description
Pin
Assignment
INT/VPP
I
Interrupt / EPROM Programming Voltage
1
RESET
I/O
Reset
2
OSCin
I
Oscillator
3
OSCout
O
Oscillator
4
PB7
I/O
Standard Port (bit programmable)
5
PB6
I/O
Standard Port (bit programmable)
6
PB5
I/O
Standard Port (bit programmable)
7
PB4
I/O
Standard Port (bit programmable)
8
PB3
I/O
Standard Port (bit programmable)
9
PB2
I/O
Standard Port (bit programmable)
10
PB1
I/O
Standard Port (bit programmable)
11
PB0
I/O
Standard Port (bit programmable)
12
PC5
I/O
Standard Port (falling edge interrupt line)
13
PC4
I/O
Standard Port (falling edge interrupt line)
14
PC3
I/O
Standard Port (falling edge interrupt line)
15
PC2
I/O
Standard Port (falling edge interrupt line)
16
PC1 (OCMP1)
I/O
Standard Port (falling edge interrupt line or timer output compare)
17
PC0 (ICAP)
I/O
Standard Port (falling edge interrupt line or timer input capture)
18
PA7
I/O
Standard Port (bit programmable)
19
PA6
I/O
Standard Port (bit programmable)
20
PA5
I/O
Standard Port (bit programmable)
21
PA4
I/O
Standard Port (bit programmable)
22
PA3
I/O
Standard Port (bit programmable)
23
PA2
I/O
Standard Port (bit programmable)
24
PA1
I/O
Standard Port (bit programmable)
25
PA0
I/O
Standard Port (bit programmable)
26
VDD
I/O
Power Supply
27
VSS
I/O
Ground
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com