Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 61Page - STMicroelectronics ST7294 Datasheet HTML 62Page - STMicroelectronics ST7294 Datasheet HTML 63Page - STMicroelectronics ST7294 Datasheet HTML 64Page - STMicroelectronics ST7294 Datasheet HTML 65Page - STMicroelectronics ST7294 Datasheet HTML 66Page - STMicroelectronics ST7294 Datasheet HTML 67Page - STMicroelectronics ST7294 Datasheet HTML 68Page - STMicroelectronics ST7294 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
67/69
ST7293
2.2 ST7293 DESCRIPTION
With the following exception, the ST7293 has the
same software and hardware features as the
ST7294:
1. User ROM: the 3.25K are addressable from
1200h to 1EFFh on the ST7293.
2. Option list: no pull-up option on PORT A and
PORT B.
THE READER IS ASKED TO REFER TO THE
ST7294 DATASHEET FOR FURTHER DETAILS
2.3 ORDERING INFORMATION
7.2.4 Introduction
The following section describes the approved pro-
cedure for transfer of User Program/Data ROM
Code to SGS-THOMSON Microelectronics as well
as the basis for contractual agreement with re-
spect to mask programmed devices.
7.2.5 Communication of the User ROM Code
To formally communicate the desired Program/
Data ROM contents to SGS-THOMSON Microe-
lectronics, the following must be supplied:
– a file in MOTOROLA S19 FORMAT (on diskette,
via electronic mail or by BBS);
– a correctly completed and signed Option List
form as shown overleaf.
The User Code must respect the ROM Memory
Map for the selected device option.
The User Code must be generated using an ap-
proved ST7 assembler. All unused memory loca-
tions shall be set to FFh.
7.2.6 Verification and Formal Approval
When SGS-THOMSON Microelectronics receives
the User Code file, it will return a copy of the proc-
essed file to the Customer. The Customer will then
send formal notification to SGS-THOMSON Mi-
croelectronics, approving the file contents. This
statement and the file copies to which it refers will
then form the basis of the contractual agreement
between the Customer and SGS-THOMSON Mi-
croelectronics and the agreed file will be used to
produce the mask for the programmed MCU de-
vice.
The SGS-THOMSON Sales Organization will be
pleased to provide detailed information relating to
the above technical and contractual points.
ORDERING INFORMATION TABLE
Sales Types
ROM Size
Temperature
Range
Package
ST7293C3B1
3.25K
0to +70
°C
PDIP28
ST7293C3M1
PSO28
ST7293C3B6
-40 to +85
°C
PDIP28
ST7293C3M6
PSO28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com