Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7294 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 22Page - STMicroelectronics ST7294 Datasheet HTML 23Page - STMicroelectronics ST7294 Datasheet HTML 24Page - STMicroelectronics ST7294 Datasheet HTML 25Page - STMicroelectronics ST7294 Datasheet HTML 26Page - STMicroelectronics ST7294 Datasheet HTML 27Page - STMicroelectronics ST7294 Datasheet HTML 28Page - STMicroelectronics ST7294 Datasheet HTML 29Page - STMicroelectronics ST7294 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
26/69
ST7294
16 BIT TIMER (Continued)
Figure 18. Timer Block Diagram
ST7 INTERNAL BUS
MCU-PERIPHERAL INTERFACE
OUTPUT
COMPARE
COUNTER
ALTERNATE
1/4
OVERFLOW
DETECT
CIRCUIT
OUTPUT
COMPARE
EDGE
ICAP
D
CLK
LATCH
0
1
2
4
5
6
7
ICF1
OCF1 TOF
TIMER
STATUS
REGISTER
ICIE
OCIE TOIE
IEDG1 OLVL1 CONTROL
REGISTER
8
16
16
DETECT
8-BIT
BUFFER
3
76
5
4
3
2
10
TIMER
REGISTER
TIMER INTERNAL INTERRUPT
OCF2
0
00
VR01112A
CIRCUIT
CIRCUIT
OCMP1
INPUT
OUTPUT
FOLV1
REGISTER 2
00
0
REGISTER 1
CAPTURE
COMPARE
REGISTER 1
16
16-BIT FREE
RUNNING
COUNTER
INTERNAL TIMER BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com