Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 5 Page - STMicroelectronics

  STA540SA Datasheet HTML 1Page - STMicroelectronics STA540SA Datasheet HTML 2Page - STMicroelectronics STA540SA Datasheet HTML 3Page - STMicroelectronics STA540SA Datasheet HTML 4Page - STMicroelectronics STA540SA Datasheet HTML 5Page - STMicroelectronics STA540SA Datasheet HTML 6Page - STMicroelectronics STA540SA Datasheet HTML 7Page - STMicroelectronics STA540SA Datasheet HTML 8Page - STMicroelectronics STA540SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
STA540SA
Pin description
Doc ID 16066 Rev 2
5/30
2
Pin description
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin
Name
Type
Function
1
OUT1
OUTPUT
Channel 1 output
2
OUT2
OUTPUT
Channel 2 output
3
VCC1
POWER
Power supply
4
IN1
INPUT
Channel 1 input
5
IN2
INPUT
Channel 2 input
6
N.C.
-
Not connected
7
N.C.
-
Not connected
8
SVR
INPUT
Supply voltage rejection
9
ST_BY
INPUT
Standby control pin
10
P_GND
POWER
Power ground
11
S_GND
POWER
Signal ground
12
DIAG
OUTPUT
Diagnostics
13
N.C.
-
Not connected
14
N.C.
-
Not connected
15
IN4
INPUT
Channel 4 input
16
IN3
INPUT
Channel 3 input
17
VCC2
POWER
Power supply
18
OUT4
OUTPUT
Channel 4 output
19
OUT3
OUTPUT
Channel 3 output
1
2
3
4
5
6
7
D04AU1558SA
9
10
11
8
13
14
15
16
17
18
19
12
VCC1
IN1
OUT1
OUT2
N.C.
SVR
IN2
N.C.
S_GND
DIAG
ST_BY
P_GND
IN4
IN3
N.C.
N.C.
OUT4
OUT3
VCC2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com