Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 22Page - STMicroelectronics STA540SA Datasheet HTML 23Page - STMicroelectronics STA540SA Datasheet HTML 24Page - STMicroelectronics STA540SA Datasheet HTML 25Page - STMicroelectronics STA540SA Datasheet HTML 26Page - STMicroelectronics STA540SA Datasheet HTML 27Page - STMicroelectronics STA540SA Datasheet HTML 28Page - STMicroelectronics STA540SA Datasheet HTML 29Page - STMicroelectronics STA540SA Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
STA540SA
Demonstration boards and applications suggestions
Doc ID 16066 Rev 2
27/30
9.3
Mute function
If the mute function is required, it can be accessed on SVR (pin 8) as shown in Figure 39.
Figure 39.
Components for layout
VS = 10 to 16 V, VSVR: mute off ≥ 0.6 to 0.8, mute on ≥ 0.2 V
Using a different value for R1 than the suggested 3.3 k
Ω, results in two different situations:
R1 > 3.3 k
Ω:
–
Pop noise improved
–
Lower mute attenuation
R1 < 3.3 k
Ω:
–
Pop noise degradation
–
Higher mute attenuation
0.22
µF
1
DIAGNOSTICS
4
9
D05AU1617A
10
µF
10K
ST-BY
IN L
0.47
µF
5
IN BRIDGE
16
470
µF
8
17
1000
µF
100nF
3
VS
2
18
19
OUT L
10
11
12
OUT
BRIDGE
15
0.22
µF
IN R
OUT R
2200
µF
2200
µF
R1 3.3K
R2 10K
MUTE
5V
0
PLAY
STBY
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com