Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 14Page - STMicroelectronics STA540SA Datasheet HTML 15Page - STMicroelectronics STA540SA Datasheet HTML 16Page - STMicroelectronics STA540SA Datasheet HTML 17Page - STMicroelectronics STA540SA Datasheet HTML 18Page - STMicroelectronics STA540SA Datasheet HTML 19Page - STMicroelectronics STA540SA Datasheet HTML 20Page - STMicroelectronics STA540SA Datasheet HTML 21Page - STMicroelectronics STA540SA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
General structure
STA540SA
18/30
Doc ID 16066 Rev 2
8
General structure
8.1
High application flexibility
The availability of four independent channels makes it possible to accomplish several kinds
of applications ranging from four-speaker stereo (F/R) to two-speaker bridge solutions.
When working with single-ended conditions, the polarity of the speakers driven by the
inverting amplifier must be reversed with respect to those driven by non-inverting channels.
This is to avoid phase irregularities causing sound alterations especially during the
reproduction of low frequencies.
8.2
Easy single-ended to bridge transition
The change from single-ended to bridge configurations is made simple by means of a short
circuit across the inputs (resulting in no need of additional external components).
8.3
Internally fixed gain
The gain is internally fixed to 20 dB in single-ended mode and 26 dB in bridge mode.
The advantages of this design choice are in terms of:
components and space saving
output noise, supply voltage rejection and distortion optimization.
8.4
Silent turn on/off and muting/standby functions
Standby mode can be easily activated by means of a CMOS logic level applied to pin 9
through a RC filter.
Under standby conditions, the device is turned off completely (supply current = 1 mA typical,
output attenuation = 80 dB minimum).
All on/off operations are virtually pop-free. Furthermore, at turn-on the device stays in mute
condition for a time determined by the value assigned to the SVR capacitor. In mute mode,
the device outputs are insensitive to any kind of signal that may be present at the input
terminals. In other words, any transients coming from previous stages produce no
unpleasant acoustic effects at the speakers.
8.5
Standby driving (pin 9)
Some precautions need to be taken when defining standby driving networks. Pin 9 cannot
be directly driven by a voltage source having a current capability higher than 5 mA. In
practical cases a series resistance must be inserted, giving it the double purpose of limiting
the current at pin 9 and smoothing down the standby on/off transitions. And, when done in
combination with a capacitor, prevents output pop.
A capacitor of at least 100 nF from pin 9 to S_GND, with no resistance in between, is
necessary to ensure correct turn-on.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com