Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 1 Page - STMicroelectronics

  STA540SA Datasheet HTML 1Page - STMicroelectronics STA540SA Datasheet HTML 2Page - STMicroelectronics STA540SA Datasheet HTML 3Page - STMicroelectronics STA540SA Datasheet HTML 4Page - STMicroelectronics STA540SA Datasheet HTML 5Page - STMicroelectronics STA540SA Datasheet HTML 6Page - STMicroelectronics STA540SA Datasheet HTML 7Page - STMicroelectronics STA540SA Datasheet HTML 8Page - STMicroelectronics STA540SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
December 2010
Doc ID 16066 Rev 2
1/30
30
STA540SA
4 x 10-watt dual/quad power amplifier
Features
High output-power capability:
–4 x 9 W / 2
Ω at 12 V, 1 kHz, 10 %
– 4 x 10 W / 4
Ω at 17 V, 1 kHz, 10 %
– 2 x 26 W / 4
Ω at 14.4 V, 1 kHz, 10 %
– 2 x 15 W / 8
Ω at 16 V, 1 kHz, 10 %
Minimum external components count:
– No bootstrap capacitors
– No Boucherot cells
– Internally fixed gain of 20 dB
Standby function (CMOS compatible)
No audible pop during standby operations
Diagnostic facilities:
– Clip detector
– Out to GND short circuit
– Out to VS short circuit
– Soft short at turn-on
– Thermal shutdown proximity
Protection for
– Output AC/DC short circuit
– Soft short circuit at turn-on
– Thermal cut-off limiter to prevent chip from
overheating
– High inductive loads
– ESD
Description
The amplifier is a class AB audio amplifier
assembled in the Clipwatt19 package and
designed for high-quality sound applications.
The STA540SA is a 4-channel single-ended
amplifier with integrated short-circuit protection,
thermal protection and diagnostic functions.
Clipwatt19
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STA540SA
0 to 70 °C
Clipwatt19
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STA540SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
4 x 10-watt dual/quad power amplifier
16-Dec-2010
More results

Similar Description - STA540SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
4 x 13 W dual/quad power amplifier
21-Jan-2008
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
4 x 10-watt dual/quad power amplifier
16-Dec-2010
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
2 x 10-watt dual BTL class-D audio amplifier
18-Jan-2012
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com